Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8026G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UPC8026G-S08-R
Description  30V, 13A N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPC8026G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UPC8026G-S08-R Datasheet HTML 1Page - Unisonic Technologies UPC8026G-S08-R Datasheet HTML 2Page - Unisonic Technologies UPC8026G-S08-R Datasheet HTML 3Page - Unisonic Technologies UPC8026G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UPC8026
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-600.a
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
V(BR)DSS
ID=10mA, VGS=0V
30
Drain-Source Breakdown Voltage
V(BR)DSX
ID=10mA, VGS=−20 V
10
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0 V
10
µA
Forward
VGS=+20V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=10 V, ID=1mA
1.3
2.5
V
VGS=4.5V, ID=6.5A
7.5
10
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=6.5A
5.1
6.6
mΩ
Forward Transfer Admittance
|YFS|
VDS=10V, ID=6.5A
15
30
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
1800
pF
Output Capacitance
COSS
570
pF
Reverse Transfer Capacitance
CRSS
VDS=10V, VGS=0V, f=1MHz
370
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
42
nC
Gate to Source Charge
QGS
6.5
nC
Gate to Drain Charge
QGD
VDD≈24V, VGS=10V, ID=13 A
14
nC
Turn-ON Delay Time
tD(ON)
28
ns
Rise Time
tR
15
ns
Turn-OFF Delay Time
tD(OFF)
54
ns
Fall-Time
tF
21
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain Reverse Current
Pulse (Note 1)
IDRP
52
A
Forward Voltage (Diode)
VDSF
IDR=13A, VGS=0V
-1.2
V
Note:
1. Ensure that the channel temperature does not exceed 150°C.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com