Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC324 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC324
Description  Single Power Supply Quad Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC324 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC324 Datasheet HTML 1Page - Renesas Technology Corp UPC324 Datasheet HTML 2Page - Renesas Technology Corp UPC324 Datasheet HTML 3Page - Renesas Technology Corp UPC324 Datasheet HTML 4Page - Renesas Technology Corp UPC324 Datasheet HTML 5Page - Renesas Technology Corp UPC324 Datasheet HTML 6Page - Renesas Technology Corp UPC324 Datasheet HTML 7Page - Renesas Technology Corp UPC324 Datasheet HTML 8Page - Renesas Technology Corp UPC324 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UPC451, UPC324
R03DS0142EJ0200 Rev.2.00
Page 5 of 10
Mar.3.25
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25 °C, TYP.) (Reference value)
0
200
400
600
800
1000
0
20
40
60
80 100 120 140
Operating Ambient Temperature, TA [°C]
PT vs. TA
With 100 mm x 100 mm,
thickness 1 mm glass expoxy
substrate (refer to
"ABSOLUTE MAXIMUM
RATINGS Note4")
TA = -40 °C
TA = 25 °C
TA = 125 °C
0
0.5
1
1.5
2
2.5
3
3.5
4
0
10
20
30
40
Power Supply Voltage, V + [V] (V - = GND)
ICC vs. V +
RL = ∞
IO = 0 A
ICC
V +
-
+
A
-3
-2
-1
0
1
2
3
0
10
20
30
40
Power Supply Voltage, V + [V] (V - = GND)
VIO vs. V +
-3
-2
-1
0
1
2
3
-50
0
50
100
150
Operating Ambient Temperature, TA [°C]
VIO vs. TA
V + = +5 V, V - = GND
Any 5 samples data
-10
0
10
20
30
0
10
20
30
40
Power Supply Voltage V + [V] (V - = GND)
IB vs. V +
-10
0
10
20
30
-50
0
50
100
150
Operating Ambient Temperature, TA [°C]
IB vs. TA
V + = +15 V
V - = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com