Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC324 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC324
Description  Single Power Supply Quad Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC324 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC324 Datasheet HTML 1Page - Renesas Technology Corp UPC324 Datasheet HTML 2Page - Renesas Technology Corp UPC324 Datasheet HTML 3Page - Renesas Technology Corp UPC324 Datasheet HTML 4Page - Renesas Technology Corp UPC324 Datasheet HTML 5Page - Renesas Technology Corp UPC324 Datasheet HTML 6Page - Renesas Technology Corp UPC324 Datasheet HTML 7Page - Renesas Technology Corp UPC324 Datasheet HTML 8Page - Renesas Technology Corp UPC324 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R03DS0142EJ0200 Rev.2.00
Page 1 of 10
Mar.3.25
Datasheet
UPC451, UPC324
Single Power Supply Quad Operational Amplifiers
DESCRIPTION
UPC451, UPC324 are quad operational amplifiers designed to operate on a single power supply. The features
include low-voltage operation, a common-mode input voltage that range from V− (GND) level, an output from
a V− (GND) level that is determined by the output stage of class C push-pull circuit and a 50 μA(TYP.) constant
current, and a low current consumption.
In addition to that, this amplifier can also operate in both positive and negative power supply and can be used
extensively in various amplifier circuits.
The UPC451 is suited for wide operating ambient temperature use due to its temperature expansion type,
while UPC324 is for general purposes usage.
A DC parameter selection that is compatible to operational amplifiers is also available.
UPC1251, UPC358 which are dual types with the same circuit configuration are also available under this series
of operational amplifiers.
FEATURES
• Input Offset Voltage
±2 mV (TYP.)
• Input Offset Current
±5 nA (TYP.)
• Large Signal Voltage Gain 100000 (TYP.)
• Internal Frequency Compensation
• Output Short-Circuit Protection
ORDERING INFORMATION
Order Name (1)
Selected Grade
Package
UPC451G2-AP
Standard
14-Pin plastic SOP ( 5.72 mm ( 225 ))
UPC451G2(5)-AP
DC parameter selection
14-Pin plastic SOP ( 5.72 mm ( 225 ))
UPC324G2-AP
Standard
14-Pin plastic SOP ( 5.72 mm ( 225 ))
UPC324G2(5)-AP
DC parameter selection
14-Pin plastic SOP ( 5.72 mm ( 225 ))
UPC451GR-9LG-A
Standard
14-Pin plastic TSSOP ( 5.72 mm ( 225 ))
UPC451GR(5)-9LG-A
DC parameter selection
14-Pin plastic TSSOP ( 5.72 mm ( 225 ))
UPC324GR-9LG-A
Standard
14-Pin plastic TSSOP ( 5.72 mm ( 225 ))
UPC324GR(5)-9LG-A
DC parameter selection
14-Pin plastic TSSOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.


Similar Part No. - UPC324

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC324 RENESAS-UPC324 Datasheet
239Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC324 RENESAS-UPC324 Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC3240TB RENESAS-UPC3240TB Datasheet
334Kb / 21P
3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
UPC3241TB RENESAS-UPC3241TB Datasheet
420Kb / 21P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2009
More results

Similar Description - UPC324

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5224P MITSUBISHI-M5224P Datasheet
177Kb / 5P
QUAD SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Renesas Technology Corp
UPC451 RENESAS-UPC451 Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC451A RENESAS-UPC451A Datasheet
595Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com