Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4076B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4076B
Description  4 BIT D TYPE REGISTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4076B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4076B_02 Datasheet HTML 1Page - STMicroelectronics HCF4076B_02 Datasheet HTML 2Page - STMicroelectronics HCF4076B_02 Datasheet HTML 3Page - STMicroelectronics HCF4076B_02 Datasheet HTML 4Page - STMicroelectronics HCF4076B_02 Datasheet HTML 5Page - STMicroelectronics HCF4076B_02 Datasheet HTML 6Page - STMicroelectronics HCF4076B_02 Datasheet HTML 7Page - STMicroelectronics HCF4076B_02 Datasheet HTML 8Page - STMicroelectronics HCF4076B_02 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HCF4076B
2/9
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
When either Output Disable M or N is high, the outputs are disabled (high impedance state) : however sequential operation of the flip-flop is
not affected.
FUNCTIONAL DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
14, 13, 12,
11
DATA1 to
DATA 4
D Inputs
10, 9
G1, G2
Data Input Disable
Control
1, 2
M, N
Output Disable Control
7
CLOCK
Clock Input
15
RESET
Reset Input
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
RESET
CLOCK
DATA INPUT DISABLE
DATA D
NEXT STATE
OUTPUT
G1
G2
HX
X
X
X
L
L
L
X
X
X
Q
NO CHANGE
L
H
X
X
Q
NO CHANGE
L
X
H
X
Q
NO CHANGE
LL
L
H
H
L
L
LLL
L
H
X
X
X
Q
NO CHANGE
L
X
X
X
Q
NO CHANGE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com