Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4076B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4076B
Description  4 BIT D TYPE REGISTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4076B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4076B_02 Datasheet HTML 1Page - STMicroelectronics HCF4076B_02 Datasheet HTML 2Page - STMicroelectronics HCF4076B_02 Datasheet HTML 3Page - STMicroelectronics HCF4076B_02 Datasheet HTML 4Page - STMicroelectronics HCF4076B_02 Datasheet HTML 5Page - STMicroelectronics HCF4076B_02 Datasheet HTML 6Page - STMicroelectronics HCF4076B_02 Datasheet HTML 7Page - STMicroelectronics HCF4076B_02 Datasheet HTML 8Page - STMicroelectronics HCF4076B_02 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2002
s
THREE STATE OUTPUTS
s
INPUT DISABLE WITHOUT GATING THE
CLOCK
s
GATED OUTPUT CONTROL LINES FOR
ENABLING OR DISABLING THE OUTPUTS
s
BUFFERED INPUTS AND OUTPUTS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4076B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4076B is a four bit register consisting of
D-TYPE flip-flops that feature three state outputs.
Data Disable inputs are provided to control the
entry of data into the flip-flops. When both Data
Disable inputs are low, data at the D inputs are
loaded into their respective flip-flops on the next
positive transition of the clock input. Output
Disable inputs are also provided. When the Output
Disable inputs are both low, the normal logic
states of the four outputs are available to the load.
The outputs are disabled independently of the
clock by a high logic level at either Output Disable
input, and present a high impedance.
HCF4076B
4 BIT D TYPE REGISTERS
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4076BEY
SOP
HCF4076BM1
HCF4076M013TR
DIP
SOP


Similar Part No. - HCF4076B_02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4076BC1 STMICROELECTRONICS-HCF4076BC1 Datasheet
290Kb / 13P
4 BIT D TYPE REGISTERS
Sep-1988
HCF4076BC1 STMICROELECTRONICS-HCF4076BC1 Datasheet
232Kb / 13P
BCD RATE MULTIPLEXER
Sep-1990
HCF4076BEY STMICROELECTRONICS-HCF4076BEY Datasheet
290Kb / 13P
4 BIT D TYPE REGISTERS
Sep-1988
HCF4076BEY STMICROELECTRONICS-HCF4076BEY Datasheet
232Kb / 13P
BCD RATE MULTIPLEXER
Sep-1990
HCF4076BM1 STMICROELECTRONICS-HCF4076BM1 Datasheet
290Kb / 13P
4 BIT D TYPE REGISTERS
Sep-1988
More results

Similar Description - HCF4076B_02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C195 NSC-MM54C195 Datasheet
127Kb / 6P
4-Bit Registers
logo
STMicroelectronics
HCC4076B STMICROELECTRONICS-HCC4076B Datasheet
290Kb / 13P
4 BIT D TYPE REGISTERS
Sep-1988
logo
Texas Instruments
CD4076B TI-CD4076B Datasheet
218Kb / 11P
CMOS 4-BIT D-TYPE REGISTERS
SN54173 TI-SN54173 Datasheet
562Kb / 19P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
Intersil Corporation
CD4076BMS INTERSIL-CD4076BMS Datasheet
78Kb / 9P
CMOS 4 -Bit D-Type Registers
December 1992
logo
Texas Instruments
SN5494 TI-SN5494 Datasheet
159Kb / 4P
4-BIT SHIFT REGISTERS
SN7494N TI1-SN7494N Datasheet
161Kb / 4P
4-BIT SHIFT REGISTERS
CD4076B TI1-CD4076B_15 Datasheet
566Kb / 13P
CMOS 4-Bit D-type Registers
SN54173 TI1-SN54173_15 Datasheet
497Kb / 20P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
CD4076BMS RENESAS-CD4076BMS Datasheet
357Kb / 9P
CMOS 4 -Bit D-Type Registers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com