Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV721 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV721
Description  10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV721 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV721 Datasheet HTML 1Page - National Semiconductor (TI) LMV721 Datasheet HTML 2Page - National Semiconductor (TI) LMV721 Datasheet HTML 3Page - National Semiconductor (TI) LMV721 Datasheet HTML 4Page - National Semiconductor (TI) LMV721 Datasheet HTML 5Page - National Semiconductor (TI) LMV721 Datasheet HTML 6Page - National Semiconductor (TI) LMV721 Datasheet HTML 7Page - National Semiconductor (TI) LMV721 Datasheet HTML 8Page - National Semiconductor (TI) LMV721 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LMV721/LMV722
10MHz, Low Noise, Low Voltage, and Low Power
Operational Amplifier
General Description
The LMV721 (Single) and LMV722 (Dual) are low noise, low
voltage, and low power op amps, that can be designed into
a wide range of applications. The LMV721/LMV722 has a
unity gain bandwidth of 10MHz, a slew rate of 5V/us, and a
quiescent current of 930uA/amplifier at 2.2V.
The LMV721/722 are designed to provide optimal perfor-
mance in low voltage and low noise systems. They provide
rail-to-rail output swing into heavy loads. The input common-
mode voltage range includes ground, and the maximum
input offset voltage are 3.5mV (Over Temp.) for the LMV721/
LMV722. Their capacitive load capability is also good at low
supply voltages. The operating range is from 2.2V to 5.5V.
The chip is built with National’s advanced Submicron Silicon-
Gate BiCMOS process. The single version, LMV721, is
available in 5 pin SOT23-5 and a SC-70 (new) package. The
dual version, LMV722, is available in a SO-8, MSOP-8 and
8-pin LLP package.
Features
(For Typical, 5 V Supply Values; Unless Otherwise Noted)
n
Guaranteed 2.2V and 5.0V Performance
n
Low Supply Current LMV721/2 930µA/amplifier @2.2V
n
High Unity-Gain Bandwidth 10MHz
n
Rail-to-Rail Output Swing
@600
Ω load 120mV from either rail at 2.2V
@2k
Ω load 50mV from either rail at 2.2V
n
Input Common Mode Voltage Range Includes Ground
n
Silicon Dust™, SC70-5 Package 2.0x2.0x1.0 mm
n
Miniature packaging: LLP-8
2.5mm x 3mm x 0.8mm
n
Input Voltage Noise
Applications
n
Cellular an Cordless Phones
n
Active Filter and Buffers
n
Laptops and PDAs
n
Battery Powered Electronics
Typical Application
A Battery Powered Microphone Preamplifier
10092244
Silicon Dust™ is a trademark of National Semiconductor Corporation.
June 2006
© 2006 National Semiconductor Corporation
DS100922
www.national.com


Similar Part No. - LMV721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Guangdong Youtai Semico...
LMV721 UMW-LMV721 Datasheet
4Mb / 18P
10MHz, RRIO CMOSOperational Amplifiers
logo
Texas Instruments
LMV721 TI2-LMV721 Datasheet
1Mb / 30P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
REVISED SEPTEMBER 2010
More results

Similar Description - LMV721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
10MHz, Low Noise, Operational Amplifiers
April 2002
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721M5X TI-LMV721M5X Datasheet
1Mb / 25P
LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Texas Instruments
LMV721-N TI1-LMV721-N Datasheet
1Mb / 27P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
10-MHz Low-Noise, Low-Voltage Operational Amplifier
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com