Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 1 Page - ams AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Datasheet(HTML) 1 Page - ams AG

  AS1340 Datasheet HTML 1Page - ams AG AS1340 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS1340
50V, Micropower, DC-DC Boost Converter
Produ ct Brief
www.austriamicrosystems.com
Revision 1.01
1 - 2
1 General Description
The AS1340 boost converter contains a 1.4A internal
switch in a tiny TDFN-8 3x3mm package. The device
operates from a 2.7 to 5.5V supply, and can boost volt-
ages up to 50V output.
The output voltage can easily be adjusted by an external
resistor divider.
The AS1340 uses a unique control scheme providing
the highest efficiency over a wide range of load condi-
tions. An internal 1.4A MOSFET reduces external com-
ponent count, and a fixed high switching frequency
(1MHz) allows for tiny surface-mount components.
The AS1340 also features power-OK circuitry which
monitors the output voltage.
Additionally the AS1340 features a low quiescent supply
current and a shutdown mode to save power. During
shutdown an output disconnect switch separates the
input from the output.
The AS1340 is ideal for LCD or OLED panels with low
current requirements and can also be used in a wide
range of other applications.
The device is available in a low-profile TDFN-8 3x3mm
package.
2 Key Features
!
2.7V to 50V Adjustable Output Voltage
!
2.7V to 50V Input Voltage Range
!
2.7V to 5.5V Supply Voltage Range
!
High Output Currents:
- 100mA @ 12V from 3.3V VIN
- 50mA @ 24V from 3.3V VIN
- 30mA @ 36V from 3.3V VIN
!
Efficiency: Up to 90%
!
Switching Frequency: 1MHz
!
Output Disconnect
!
Power-OK Output
!
Operating Supply Current: 30µA
!
Shutdown Current: 0.1µA
!
TDFN-8 3x3mm Package
3 Applications
The device is ideal for OLED display power supply, LCD
bias generators, mobile/cordless phones, palmtop com-
puters, PDAs and organizers, handy terminals or any
other portable, battery-powered device.
VIN = 2.7V
to 5.5V
1
SHDNN
3
SWVIN
2
VCC
8
FB
4
POK
5
LX
On
Off
R2
R1
VOUT = >VIN to 50V
AS1340
L1
4.7µH
CIN
COUT
6
SWOUT
7, 9
GND
Figure 1. Typical Application Diagram
3
VOUT
L1
6
LX
VCC
VIN = 2.7V
to 5.5V
3
VOUT
L1
6
LX
VCC
VIN = 2.7V
to 5.5V
VIN = 2.7V
to ~VOUT
If not needed the output disconnect switch can be left unconnected which will also increase the efficiency.
Additionally the supply of the chip can be split to allow higher supply voltages for the coil. In this case the output disconnect switch must not be used.


Similar Part No. - AS1340

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
414Kb / 17P
50V, Micropower, DC-DC Boost Converter
logo
ams-OSRAM AG
AS1340 AMSOSRAM-AS1340 Datasheet
792Kb / 18P
50V, Micropower, DC-DC Boost Converter
Revision 1.20
logo
ams AG
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
414Kb / 17P
50V, Micropower, DC-DC Boost Converter
More results

Similar Description - AS1340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
ams AG
AS1340 AMSCO-AS1340_1 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
logo
Taiwan Semiconductor Co...
TS1909 TSC-TS1909 Datasheet
311Kb / 6P
MicroPower VFM Boost DC to Dc Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
ams AG
AS1340 AMSCO-AS1340_04 Datasheet
414Kb / 17P
50V, Micropower, DC-DC Boost Converter
logo
Linear Technology
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com