Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet (PDF) - ams-OSRAM AG

AS1340 Datasheet PDF - ams-OSRAM AG
Part # AS1340
Download  AS1340 Download
File Size   792.7 Kbytes
Page   18 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 50V, Micropower, DC-DC Boost Converter

AS1340 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1340 Datasheet PDF - ams-OSRAM AG

Part # AS1340
Download  AS1340 Click to download

File Size   792.7 Kbytes
Page   18 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 50V, Micropower, DC-DC Boost Converter

AS1340 Datasheet (HTML) - ams-OSRAM AG


AS1340 Product details

1 General Description
The AS1340 boost converter contains a 1.4A internal switch in a tiny
TDFN-8 3x3mm package. The device operates from a 2.7 to 5.5V
supply, and can boost voltages up to 50V output.
The output voltage can easily be adjusted by an external resistor
divider.
The AS1340 uses a unique control scheme providing the highest
efficiency over a wide range of load conditions. An internal 1.4A
MOSFET reduces external component count, and a fixed high
switching frequency (1MHz) allows for tiny surface-mount
components.
The AS1340 also features power-OK circuitry which monitors the
output voltage.
Additionally the AS1340 features a low quiescent supply current and
a shutdown mode to save power. During shutdown an output
disconnect switch separates the input from the output.
The AS1340 is ideal for LCD or OLED panels with low current
requirements and can also be used in a wide range of other
applications.
The device is available in a low-profile TDFN-8 3x3mm package.
2 Key Features
2.7V to 50V Adjustable Output Voltage
2.7V to 50V Input Voltage Range
2.7V to 5.5V Supply Voltage Range
High Output Currents:
- 100mA @ 12V from 3.3V VIN
- 50mA @ 24V from 3.3V VIN
- 30mA @ 36V from 3.3V VIN
Efficiency: Up to 93%
Switching Frequency: 1MHz
Output Disconnect
Power-OK Output
Operating Supply Current: 30μA
Shutdown Current: 0.1μA
TDFN-8 3x3mm Package
3 Applications
The device is ideal for OLED display power supply, LED power
supply, LCD bias generators, mobile/cordless phones, palmtop
computers, PDAs and organizers, handy terminals or any other
portable, battery-powered device.




Similar Part No. - AS1340

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
414Kb / 17P
50V, Micropower, DC-DC Boost Converter
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
414Kb / 17P
50V, Micropower, DC-DC Boost Converter
More results


Similar Description - AS1340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
50V, Micropower, DC-DC Boost Converter
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
ams AG
AS1340 AMSCO-AS1340_1 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
logo
Taiwan Semiconductor Co...
TS1909 TSC-TS1909 Datasheet
311Kb / 6P
MicroPower VFM Boost DC to Dc Converter
logo
ams AG
AS1340 AMSCO-AS1340_04 Datasheet
414Kb / 17P
50V, Micropower, DC-DC Boost Converter
logo
Linear Technology
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com