Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1340 Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS1340 Datasheet HTML 1Page - ams-OSRAM AG AS1340 Datasheet HTML 2Page - ams-OSRAM AG AS1340 Datasheet HTML 3Page - ams-OSRAM AG AS1340 Datasheet HTML 4Page - ams-OSRAM AG AS1340 Datasheet HTML 5Page - ams-OSRAM AG AS1340 Datasheet HTML 6Page - ams-OSRAM AG AS1340 Datasheet HTML 7Page - ams-OSRAM AG AS1340 Datasheet HTML 8Page - ams-OSRAM AG AS1340 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1340
Revision 1.20
1 - 17
AS1340
50V, Micropower, DC-DC Boost Converter
1 General Description
The AS1340 boost converter contains a 1.4A internal switch in a tiny
TDFN-8 3x3mm package. The device operates from a 2.7 to 5.5V
supply, and can boost voltages up to 50V output.
The output voltage can easily be adjusted by an external resistor
divider.
The AS1340 uses a unique control scheme providing the highest
efficiency over a wide range of load conditions. An internal 1.4A
MOSFET reduces external component count, and a fixed high
switching frequency (1MHz) allows for tiny surface-mount
components.
The AS1340 also features power-OK circuitry which monitors the
output voltage.
Additionally the AS1340 features a low quiescent supply current and
a shutdown mode to save power. During shutdown an output
disconnect switch separates the input from the output.
The AS1340 is ideal for LCD or OLED panels with low current
requirements and can also be used in a wide range of other
applications.
The device is available in a low-profile TDFN-8 3x3mm package.
Figure 1. AS1340 - Typical Application Diagram
2 Key Features

2.7V to 50V Adjustable Output Voltage

2.7V to 50V Input Voltage Range

2.7V to 5.5V Supply Voltage Range

High Output Currents:
- 100mA @ 12V from 3.3V VIN
- 50mA @ 24V from 3.3V VIN
- 30mA @ 36V from 3.3V VIN

Efficiency: Up to 93%

Switching Frequency: 1MHz

Output Disconnect

Power-OK Output

Operating Supply Current: 30µA

Shutdown Current: 0.1µA

TDFN-8 3x3mm Package
3 Applications
The device is ideal for OLED display power supply, LED power
supply, LCD bias generators, mobile/cordless phones, palmtop
computers, PDAs and organizers, handy terminals or any other
portable, battery-powered device.
VIN
= 2.7V
to 5.5V
1
EN
3
SWVIN
2
VCC
8
FB
4
POK
5
LX
On
Off
R2
R1
VOUT = > VIN to 50V
AS1340
L1
4.7µH
CIN
COUT
6
SWOUT
7, 9
GND
3
L1
6
LX
VCC
VIN = 2.7V to
5.5V
3
L1
6
LX
VCC
VIN = 2.7V to
5.5V
VIN = 2.7V to
~VOUT
If not needed the output disconnect switch can be left unconnected which will also increase the efficiency.
Additionally the supply of the chip can be split to allow higher supply voltages for the coil. In this case the output disconnect switch must not be used.
VOUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com