Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1340 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS1340 Datasheet HTML 8Page - ams-OSRAM AG AS1340 Datasheet HTML 9Page - ams-OSRAM AG AS1340 Datasheet HTML 10Page - ams-OSRAM AG AS1340 Datasheet HTML 11Page - ams-OSRAM AG AS1340 Datasheet HTML 12Page - ams-OSRAM AG AS1340 Datasheet HTML 13Page - ams-OSRAM AG AS1340 Datasheet HTML 14Page - ams-OSRAM AG AS1340 Datasheet HTML 15Page - ams-OSRAM AG AS1340 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1340
Revision 1.20
11 - 17
AS1340
Datasheet - Application In form atio n
9.5 LED Power Supply Application
The AS1340 can also be used for driving LEDs. Just simply connect the LEDs between the pins LX and FB. (see Figure 29).
Figure 29. LED Supply Application
The output voltage is adjusted automatically to the required voltage of the LEDs. This voltage depends on the forward voltage (VF) of the used
LEDs and the Feedback Voltage VFB.
Calculate VOUT by:
Note:
The brightness of the LEDs can directly be adjusted by setting the current ILED via the corresponding R2.
Calculate R2 by:
Where:
VFB = 1.25V
n .... number of LED’s
1
EN
7,9
GND
2
VCC
8
FB
5
LX
On
Off
AS1340
L1
4.7µH
C1
0.1µF
D1
COUT
1µF
R2
100
3
SWVIN
6
SWOUT
4
POK
C1
0.1µF
ILED
VIN
= 2.7V
to 5.5V
(EQ 3)
VOUT
VF ILED
 n
VFB
+
=
(EQ 4)
ILED
VFB
R2
----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com