Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1340 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS1340 Datasheet HTML 2Page - ams-OSRAM AG AS1340 Datasheet HTML 3Page - ams-OSRAM AG AS1340 Datasheet HTML 4Page - ams-OSRAM AG AS1340 Datasheet HTML 5Page - ams-OSRAM AG AS1340 Datasheet HTML 6Page - ams-OSRAM AG AS1340 Datasheet HTML 7Page - ams-OSRAM AG AS1340 Datasheet HTML 8Page - ams-OSRAM AG AS1340 Datasheet HTML 9Page - ams-OSRAM AG AS1340 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1340
Revision 1.20
5 - 17
AS1340
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
Parts used for measurements: 4.7µH (LPS4018-472ML) Inductor, 10µF (GRM32DR71C106KA01) CIN and 1µF (GRM31MR71H105KA88)
COUT.
Figure 3. Efficiency vs. Output Current; VOUT = 36V
Figure 4. Efficiency vs. Output Current; VOUT = 24V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
Vi n =2.7V
Vi n =3.3V
Vi n =5.5V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
Vi n =2.7V
Vi n =3.3V
Vi n =5.5V
Figure 5. Efficiency vs. Output Current; VOUT = 12V
Figure 6. Efficiency vs. Output Current; VOUT = 6V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
Vi n =2.7V
Vi n =3.3V
Vi n =5.5V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
Vi n =2.7V
Vi n =3.3V
Vi n =5.5V
Figure 7. Efficiency vs. VIN; VOUT=18V, Split Supplies
Figure 8. Efficiency vs. VIN; IOUT = 10mA
40
50
60
70
80
90
100
246
8
10
12
Input Voltage (V)
Iout =1mA
Iout =5mA
Iout =10mA
Iout =20mA
Iout =50mA
40
50
60
70
80
90
100
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
Vout =6V
Vout =12V
Vout =18V
Vout =24V
Vout =30V
Vout =36V
Vout =48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com