Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1340 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS1340 Datasheet HTML 9Page - ams-OSRAM AG AS1340 Datasheet HTML 10Page - ams-OSRAM AG AS1340 Datasheet HTML 11Page - ams-OSRAM AG AS1340 Datasheet HTML 12Page - ams-OSRAM AG AS1340 Datasheet HTML 13Page - ams-OSRAM AG AS1340 Datasheet HTML 14Page - ams-OSRAM AG AS1340 Datasheet HTML 15Page - ams-OSRAM AG AS1340 Datasheet HTML 16Page - ams-OSRAM AG AS1340 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.ams.com/DC-DC_Step-Up/AS1340
Revision 1.20
12 - 17
AS1340
Datasheet - Application In form atio n
9.6 Inductor Selection
For the external inductor, a 6.8µH inductor is recommended. Minimum inductor size is dependant on the desired efficiency and output current.
Inductors with low core losses and small DCR at 1MHz are recommended.
Figure 30. Efficiency Comparison of Different Inductors, VIN = 3.3V, VOUT = 18V
Figure 31. Efficiency Comparison of Different Inductors, VIN = 5.5V, VOUT = 18V
Table 4. Recommended Inductors
Part Number
L
DCR
Current Rating
Dimensions (L/W/T)
Manufacturer
LPS4018-472ML_
4.7µH
0.125
1.9A
4.4x4.4x1.7mm
Coilcraft
www.coilcraft.com
ME3220-472ML_
4.7µH
0.190
1.5A
3.2x2.8x2mm
MOS6020-472ML_
4.7µH
0.050
1.94A
6.8x6x2.4mm
MSS6122-472ML_
4.7µH
0.065
1.82A
6.1x6.1x6mm
LPS4018-682ML_
6.8µH
0.150
1.3A
4.4x4.4x1.7mm
ME3220-682ML_
6.8µH
0.270
1.2A
3.2x2.8x2mm
MOS6020-682ML_
6.8µH
0.078
1.72A
6.8x6x2.4mm
MSS6122-682ML_
6.8µH
0.100
1.50A
6.1x6.1x6mm
0
10
20
30
40
50
60
70
80
90
100
1
10
100
Output Current (mA)
MOS6020-472
MOS6020-682
MSS6122-472
MSS6122-682
0
10
20
30
40
50
60
70
80
90
100
1
10
100
Output Current (mA)
LPS4018-472
LPS4018-682
ME3220-472
ME3220-682
0
10
20
30
40
50
60
70
80
90
100
1
10
100
Output Current (mA)
LPS4018-472
LPS4018-682
ME3220-472
ME3220-682
0
10
20
30
40
50
60
70
80
90
100
110
100
Output Current (mA)
MOS6020-472
MOS6020-682
MSS6122-472
MSS6122-472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com