Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2E Datasheet(PDF) 1 Page - Veris. All Rights Reserved.

Part # CD2E
Description  Air Quality Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

CD2E Datasheet(HTML) 1 Page - Veris. All Rights Reserved.

  CD2E Datasheet HTML 1Page - Veris. All Rights Reserved. CD2E Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PKR59963-00 0523
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
CD2E is an Economy Duct Mount CO2 Sensor for monitoring air quality.
This device is an active sensor that converts a measurement into 4-20
mA, 0 to 5 Vdc or 0 to 10 Vdc output.
OPERATING & STORAGE ENVIRONMENT
Operating Temp.
Range
0 to 50 °C (32 to 122 °F)
Operating
Humidity Range
0 to 95% RH (non-condensing)
Storage Temp.
Range
-25 to 70 °C (-13 to 158 °F)
Storage Humidity
Range
0 to 95% RH (non-condensing)
Power Supply
3-wire volt mode: 20 to 30 Vdc, 24 Vac, 50 to 60 Hz
Output
Selectable 4 to 20 mA, 0 to 5 Vdc, 0 to 10 Vdc
Power
Consumption
4 VA at 24 Vac
Tube Length
200 mm
Medium
Neutral gas, air
Housing Material
Polycarbonate; flammability rating UL 94 V0
Mounting
Location
For indoor use only. Not suitable for wet locations.
IP Rating
IP 65
Protection Class
Class III
CO
2 SENSOR
Sensor Type
Non-dispersive infrared (NDIR), diffusion sampling
Output Range
Analog models: 0 to 2000/5000 ppm (selectable)
Protocol models: 0 to 5000 ppm
Accuracy
±30 ppm ±3% of measured value
Repeatability
±20 ppm ±1% of measured value
Response Time
<60 seconds for 90% step change
Calibration
Field calibration support
WIRING TERMINALS
Terminal Blocks
Screwless terminal block with spring actuator, 16-24 AWG
WARRANTY
Limited Warranty
5 years
CD2E
Economy Duct Mount CO2 Sensor
Air Quality / Gas Detection | Plant Room Analog Air Quality Sensor
APPLICATIONS
• HVAC systems
• Indoor air quality monitoring
• Life sciences applications
• Key component for the LEED
green building program and
WELL Building Standard*
Economy Sensor
Competitively priced sensors, ideal
for bid-spec
Easy to install
Latch-on sensor cover and
screwless terminal block wiring
with spring actuator
Self-calibrating
Innovative self-calibration
algorithm…easy to maintain
Field selectable
Field-selectable outputs for
operation flexibility
Dual-beam NDIR
CO2 sensor
Dual-beam, non-dispersive infrared
technology (NDIR) repeatable to
±20 ppm ±1% of measured value…
high accuracy measurement
SPECIFICATIONS
COMPLIANCE INFORMATION
Agency
Approvals
UL 916
European conformance CE:
EN61000-6-2, EN61000-6-3, EN61000 Series, immunity,
EN 61326-1
FCC Part 15 Class A
REACH, RoHS, RoHS 2 (China), RCM (Australia), ICES-003
(Canada), UKCA (UK)
*Leadership in Energy and Environmental Design (LEED) is a registered trademark of the
US Green Building Council. The WELL Building Standard is a trademark of the International
WELL Building Institute in the United States and other countries..
CD2E


Similar Part No. - CD2E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD2003GB ETC2-CD2003GB Datasheet
208Kb / 7P
FM/AM RADIO IC
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
FM/AM RADIO IC
logo
Bourns Electronic Solut...
CD2010-B140 BOURNS-CD2010-B140 Datasheet
437Kb / 4P
CD2010-B140 - Surface Mount Schottky Rectifier Diode
CD2010-B160 BOURNS-CD2010-B160 Datasheet
376Kb / 4P
CD2010-B160 - Surface Mount Schottky Rectifier Diode
logo
List of Unclassifed Man...
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
More results

Similar Description - CD2E

ManufacturerPart #DatasheetDescription
logo
ams AG
AS-MLV-P2 AMSCO-AS-MLV-P2 Datasheet
836Kb / 24P
Air Quality Sensor
logo
Renesas Technology Corp
ZMOD4510 RENESAS-ZMOD4510 Datasheet
641Kb / 17P
Gas Sensor Module for Outdoor Air Quality
logo
BELIMO AIRCONTROLS (USA...
22DC-51 BELIMO-22DC-51 Datasheet
473Kb / 4P
Duct Air Quality Sensor
logo
Renesas Technology Corp
ZMOD4450 RENESAS-ZMOD4450 Datasheet
946Kb / 18P
Gas Sensor Module for Refrigeration Air Quality
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
MP901 WINSEN-MP901 Datasheet
545Kb / 6P
Air-Quality Gas Sensor
MP905 WINSEN-MP905 Datasheet
783Kb / 7P
Air-Quality Gas Sensor
MQ135 WINSEN-MQ135 Datasheet
470Kb / 7P
Air Quality Gas Sensor
logo
Sensirion AG Switzerlan...
SGPC3 SENSIRION-SGPC3 Datasheet
1Mb / 19P
Indoor Air Quality Sensor for TVOC Measurements
Version 1.0
logo
SparkFun Electronics
SPX-14813 SPARKFUN-SPX-14813 Datasheet
256Kb / 2P
Air Quality Sensor (Qwiic) ??SGP30
12????9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com