Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2E Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # CD2E
Description  Air Quality Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

CD2E Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  CD2E Datasheet HTML 1Page - Veris. All Rights Reserved. CD2E Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PKR59963-00 0523
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Air Quality / Gas Detection | CD2E Series
DIMENSIONAL DRAWING
mm (in.)
ORDERING INFORMATION
WIRING DIAGRAM
PART NUMBER
DESCRIPTION
CD2E
CO2 transmitter, analog
CO
2 OUT
COMMON
COMMON
POWER SUPPLY 20-30 VDC, 24 VAC
CONTROL SYSTEM
COMMON
+
-
POWER (+24)
54 32 1
10 98 76
48 (1.9)
51 (2.0)
248 (9.76)
197 (7.8)
121 (4.8)
133 (5.3)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com