Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP2 Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # EP2
Description  Pressure Monitoring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

EP2 Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  EP2 Datasheet HTML 1Page - Veris. All Rights Reserved. EP2 Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.3"
(84 mm)
1.8"
(46 mm)
3.5"
(89 mm)
4.9"
(125 mm)
2.1"
(53 mm)
If the dust cover is ordered, the EP2 is mounted to a longer Snaptrack.
FROM CONTROL
SYSTEM
GND/COMMON
INPUT SIGNAL
POWER
TO DIGITAL INPUT - OPTIONAL
PRESSURE LOSS ALARM
Output
= Selectable
3-15/0-20 psi
Feedback
0 = None
1 = Pressure Loss Alarm
2 = Manual Mode Alarm
EP2
Failsafe
0 = None
1 = Vent on
Power Fail
Option
Blank = none
2 = EP Cover Plate*
1
S
WIRING DIAGRAM
CONFIGURATION
DIMENSIONAL DRAWINGS
ORDERING INFORMATION
EP2 1
0
0
S
2
Option = EP cover plate
Example:
DUST COVER
Dimensional Drawings (Front View)
Side View
ALARM
MODE
MANUAL ADJUST
PRESSURE
RANGE
PRESSURE
LOSS
ALARM
(OPTIONAL)
OPERATION
MODE
INPUT
MODE
VOLTAGE
MODE
Dust Cover (AA43)
Pneumatic Capacitor(AA45)
ACCESSORIES
AA43
AA45
*Sold separately as AA43.
ACCESSORIES P. 179
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Pressure Monitoring | EP2 Series
Pressure Monitoring | Electropneumatic Transducers
HQ0001828.H 0321



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com