Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP2 Datasheet(PDF) 1 Page - Veris. All Rights Reserved.

Part # EP2
Description  Pressure Monitoring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

EP2 Datasheet(HTML) 1 Page - Veris. All Rights Reserved.

  EP2 Datasheet HTML 1Page - Veris. All Rights Reserved. EP2 Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EP2
GENERAL
Input Power
Class 2; 24 Vac/dc nominal, 30 Vac max.;
150 mA max.
Control Input
Class 2; 4 to 20mA/0-5 V/0-10 Vdc;
jumper-selectable
Input Impedance
4 to 20 mA, 250 Ω; 0-5 V/0-10 Vdc, 10 kΩ
Manual Override
Jumper-selectable mode, digital
pushbutton adjust
Alarm Contact
100 mA@30 Vac/dc (pressure loss, manual mode,
jumper selectable)
Accuracy
1% FS; combined linearity, hysteresis,
repeatability
Compensated Temp Range
-4 to 65 °C (25 to 140 °F)
Temperature Coefficient
±0.05%/°C
Operating Environment
10 to 90% RH non-condensing
Air Capacity
523 in3/min @ 45 psi (8570 cm3/min @ 310.3
kPa); 333 in3/min @ 20 psi (5456 cm3/min @
137.9 kPa)
Supply Pressure
45 psig max.
Control Range
0 to 20 psig or 3 to 15 psig, jumper-selectable
Pressure Differential
0.1 psig (supply to branch)
Pressure Indication
Electronic, 3-1/2 digit LCD
EP Series transducers are sold as an open device.
Observe handling precautions for static sensitive
devices to avoid damage to the circuitry which
would not be covered under the factory warranty.
**The CE mark applies to models with cover only.
*For shorter tubing runs use AA45 Pneumatic Capacitor
EMC Conformance - CE option: Low voltage directive 2014/35/EU; EMC directive 2014/30/EU.
EMC Special Note: Connect this product to a DC distribution network or an AC/DC power
adaptor with proper surge protection (EN 61000-6-1 specification requirements).
The EP2 Series electropneumatic pressure transducer uses micro-
controlled poppet valve technology for highly accurate pressure
sensing in multiple applications. The poppet valves consume no air,
eliminating unnecessary air losses in the system and allowing for stable
and reliable operation. The EP2 comes installed on standard SnapTrack,
and an optional dust cover is available to protect from the environment.
An LCD display and LED indicators make it easy to read system status at
a glance.
APPLICATIONS
• Hospitals
• Schools
• Pneumatic dampers/actuators
Minimum Tubing Length
15 feet*
Port Connection
1/8” I.D. poly tubing
Media Connection
Clean, dry air, or inert gas. Do not use with
oxygen service
WARRANTY
Limited Warranty
5 years
AGENCY APPROVALS
Field selectable
Field-selectable 4 to 20 mA/
0-5 V/0-10 Vdc input for
application flexibility
Multi-point
calibration
Multi-point calibration; 3 to 15 psi
(5-point calibration) and 0 to 20
psi (6-point calibration)
Quiet operation
Poppet valve technology for quiet
operation
Pressure loss
alarm
Pressure loss alarm provides a
contact closure if the EP2 is unable
to achieve the desired output
within a fixed length of time
Manual override
Manual override with set and hold
feature…great for commissioning
leaky systems
Fail-safe vent
Fail-safe vent solenoids bleed
branch pressure on power failure
for added safety
SPECIFICATIONS
**
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
EP2 SERIES
Micro-Controlled with High-Performance,
Low-Power Coil Poppet Valve Technology
Pressure Monitoring | Electropneumatic Transducers
HQ0001828.H 0321


Similar Part No. - EP2

ManufacturerPart #DatasheetDescription
logo
NEC
EP2 NEC-EP2 Datasheet
926Kb / 7P
Miniature Relays
logo
SAB North America
EP2-11 SAB-EP2-11 Datasheet
233Kb / 1P
EMC Grounding Cable Glands
EP2-11L SAB-EP2-11L Datasheet
233Kb / 1P
EMC Grounding Cable Glands
EP2-13 SAB-EP2-13 Datasheet
233Kb / 1P
EMC Grounding Cable Glands
EP2-13L SAB-EP2-13L Datasheet
233Kb / 1P
EMC Grounding Cable Glands
More results

Similar Description - EP2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
Tire Pressure Monitoring Sensor
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
Tire Pressure Monitoring (TPM) System
2004
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Texas Instruments
TPIC82000 TI1-TPIC82000 Datasheet
832Kb / 92P
Tire Pressure Monitoring System TX Module
logo
Infineon Technologies A...
SP270-25-256-0 INFINEON-SP270-25-256-0 Datasheet
416Kb / 2P
General Sensor for Pressure Monitoring Systems (PMS)
01 / 2013
logo
NXP Semiconductors
FXTH870502DT1 NXP-FXTH870502DT1 Datasheet
297Kb / 2P
Tire Pressure Monitoring Sensors 100-900 kPa
REV 3
FXTH871502DT1 NXP-FXTH871502DT1 Datasheet
206Kb / 2P
Tire Pressure Monitoring Sensors 100-1500 kPa
REV 0
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
logo
Infineon Technologies A...
SP40T INFINEON-SP40T Datasheet
2Mb / 71P
Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
Revision 1.1 2020-05-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com