Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANLP1007 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCANLP1007
Description  806 MHz - 960 MHz / 1710 MHz - 2500 MHz, 9 dBi, Log Periodic Antenna, V-pol, Dual Band, High Gain, Type N Female connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANLP1007 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCANLP1007 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANLP1007 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANLP1007 Datasheet HTML 3Page - Infinite Electronics International, Inc. LCANLP1007 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCANLP1007 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
806 MHz - 960 MHz / 1710 MHz - 2500 MHz, 9 dBi, Log Periodic
Antenna, V-pol, Dual Band, High Gain, Type N Female connector
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
806 MHz - 960 MHz / 1710 MHz - 2500 MHz, 9 dBi, Log Periodic Antenna, V-pol, Dual Band, High Gain, Type N Female connector LCANLP1007
Features
•
Frequency coverage for 806 MHz to 2500 MHz
•
Very High Gain 9 dBi Directional Antenna
•
Each connector covers wide band of frequencies
•
Easy Install universal mounting bracket provided
•
Weatherproof ABS radome
•
Pigtail – 12 inches
•
N-Type Female connector
Applications
•
Point-to-point, LPWAN, LoRA, LTE-M, NB-IoT, IoT, M2M applica-
tions
•
5G / 4G LTE B1 to B11, B18 to B21, B23, B24, B25 / 3G / GSM /
AWS / WLAN operation supported
•
5G Bands supported
•
DAS (Distributed Antenna Systems)
•
IEEE 802.11a / b /g / n / ac / ad / ah/ ax Wi-Fi applications
•
Public safety, utilities, CCTV and local radio coverage
•
Smart cities expansion for coverage and IOT / IIOT
Description
The L-com LCANLP1007 is a high performance, wideband log periodic antenna designed to operate from 806 to 2500 MHz for point to
point communications. The LCANLP1007 from L-com has 9 dbi of gain and can be used for long distance directional communication
over a wide range of frequencies. The LCANLP1007 is ideal for boosting 5G, LTE, CMDA, LoRA, IoT, WI-FI.
The log periodic LCANLP1007 has 55 vertical beamwidth and 65 horizontal beamwidth. This antenna has Vertical polarization and the
included mounting brackets allow for either vertical or horizontal mounting configurations. Log periodic antennas function as boosters
where the existing cellular signal is weak and needs to reach further distances. The L-com directional antenna has a 12 inches long
pigtail terminated with 1 Type N Female connector.
L-com’s 806 to 2500 MHz log periodic LCANLP1007 antenna with 9 dBi max gain for sub 6 GHz 5G DAS networks operates in bands
n1, n2, n3, n5, n8, n18, n20, n25, n26, n30, n34, n39, n40, n41, n53, n65, n66, n67, n70, n80, n81, n82, n84, n86, n89, n90, n91, n92,
n93, n94, n95, n97, n98. This 5G directional log periodic antenna with N Female Type connector is in stock and ready to ship the same
day. Contact our knowledgeable and friendly technical support and sales staff for your answers on antennas or other L-com products.
Configuration
Design
Log Periodic
Band Type
Multi
Radiation Pattern
Directional
Polarization
Vertical
Cable Type
Coax Cable
Cable Length
11.8 in [299.72 mm]
Connector Type
N Female
Number of Ports
1
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
806
2,500
MHz
Input VSWR
1.5:1
LCANLP1007


Similar Part No. - LCANLP1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANLP1003 L-COM-LCANLP1003 Datasheet
414Kb / 4P
617-960 MHz / 1710-2700 MHz, 10 dBi / 11 dBi, Log Periodic Antenna, V-pol, Dual Band, High gain, Type N Female Connector
03/28/2022
LCANLP1004 L-COM-LCANLP1004 Datasheet
404Kb / 4P
600-960 MHz / 1710-2700 MHz / 3300-3800 MHz, 7 / 9 / 11 dBi, MIMO Log Periodic Antenna, High Gain, V/H-pol, 2 x Type N Female Connector
03/28/2022
LCANLP1005 L-COM-LCANLP1005 Datasheet
455Kb / 4P
5150 MHz - 5875 MHz, 15 dBi Gain, Log Periodic Antenna, V/H-pol, Dual Band, Dual Pol, High Gain, 2 x Type N Female Connector
03/21/2022
LCANLP1006 L-COM-LCANLP1006 Datasheet
443Kb / 4P
790 MHz - 960 MHz / 1710 MHz - 2170 MHz / 2300 MHz - 2700 MHz, 11 dBi, Log Periodic Antenna, V-pol, High Gain, Type N Female Connector
03/21/2022
LCANLP1008 L-COM-LCANLP1008 Datasheet
464Kb / 4P
1920 MHz - 2170 MHz, 10 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector
03/21/2022
More results

Similar Description - LCANLP1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51093 PASTERNACK-PE51093 Datasheet
109Kb / 1P
Dual Band ICM Dome Antenna 800-960 & 1710-2500 MHz, 3dBi
PE51096 PASTERNACK-PE51096 Datasheet
77Kb / 1P
Dual Band ICM Dome Antenna 806-960 & 1710-2500 MHz, 3dBi
PE51098 PASTERNACK-PE51098 Datasheet
289Kb / 1P
ICM Dome Antenna 800-960/1710-2500 MHz, 3 dBi
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51089 PASTERNACK-PE51089 Datasheet
299Kb / 1P
Mag Mount Antenna 890-960 & 1710-1880 MHz 3.0 dBi
logo
TE Connectivity Ltd
2195632-1 TEC-2195632-1 Datasheet
2Mb / 2P
880-960 & 1710-2300 MHz DUAL BAND ANTENNA
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com