Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWN Datasheet(PDF) 1 Page - Veris. All Rights Reserved.

Part # GWN
Description  Air Quality
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

GWN Datasheet(HTML) 1 Page - Veris. All Rights Reserved.

  GWN Datasheet HTML 1Page - Veris. All Rights Reserved. GWN Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GWN Series platform offers a convenient means for sensing gases in
the environment. The GWN is mounted to any single-gang electrical
box and wired to the building controller. Then, a single AGxx gas sensor
(sold separately) is installed in the GWN. With this design, there is no
need for a costly new installation when a sensor reaches the end of its
life. The GWN platform remains installed, and the installer simply opens
the GWN housing to replace the modular sensor inside, reducing labor
costs and downtime.
AG Series sensors can be swapped in the GWN platform at any time
with minimal effort. The GWN platform converts the signal from the AG
sensor into an analog or relay signal compatible with building control
systems.
The available AGAE metal enclosure (sold separately) provides a
modular solution for applications that require a rugged enclosure along
with an integral audible horn and 10 A relay for direct fan control.
Input Power
15 to 30 Vdc/24 Vac ±20%, Class 2, 50/60Hz,
max. 60 mA
Relay Ratings
1A/30 Vac/dc, normally open
Operating Temperature Range
-20 to 50 °C (-4 to 122 °F)
Operating Humidity Range
0 to 90% RH non-condensing
Terminal Block Wire Size
30 to 12 AWG
Terminal Block Torque
0.5 to 0.6 N-m (0.37 to 0.44 in-lbf)
Protection Class (self-evaluated) IP20
WARRANTY
Limited Warranty
5 years*
COMPLIANCE INFORMATION
Agency Approvals
Intertek ETL Listed to UL 61010-1
The GWN operates only when an AG Series gas sensor is installed (sold separately).
Accuracy, sensitivity, setpoints, and measurement range are dependant on the AG Series
sensor connected to the GWN platform. See the AG Series sensor installation guide for
details.
* The AG Series gas sensors are warranted for two years from the date of manufacture. The
AG Series sensors are not included in the five-year GWN warranty.
Modular design
Modular platform
accepts Veris
AG Series sensors (sold
separately)…no need to install a
new GWNP when the sensor life
wears out
Wide options
Interface to control system via
4 to 20 mA with relay, 0 to 5 /
0 to 10 Vdc with relay, or relay
only options…application
flexibility
LEDs
Three colored LEDs - red, yellow
and green - for easy status viewing
No calibration
No calibration required...easy
maintenance and worry-free
Microprocessor
based
Microprocessor controlled…
excellent stability
operation
Versatile
interface
Interface to DDC systems or direct
fan control
SPECIFICATIONS
GWN
AGAE Enclosure
(sold separately)
HQ0004936.N 0621
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Air Quality / Gas Detection | Platform for Gas Sensors
GWN
Modular Gas Sensor Platform Accepts AG Series
Gas Sensors
APPLICATIONS
• Parking garage ventilation
• Air quality compliance
• Vehicle bays
(ambulance/fire/taxi)
• Mechanical rooms
• Sally ports


Similar Part No. - GWN

ManufacturerPart #DatasheetDescription
logo
Grandstream Networks, I...
GWN7600LR GRANDSTREAM-GWN7600LR Datasheet
648Kb / 2P
Outdoor Long Range 802.11ac Wave-2 Wi-Fi Access Point
4.2021.01
GWN7602 GRANDSTREAM-GWN7602 Datasheet
592Kb / 2P
Mid-Tier 802.11ac Wi-Fi Access Point
11.2019.2
GWN7610 GRANDSTREAM-GWN7610 Datasheet
646Kb / 2P
Enterprise 802.11ac Wi-Fi Access Point
4.2021.01
GWN7615 GRANDSTREAM-GWN7615 Datasheet
614Kb / 2P
802.11ac Wave-2 3×3:3Enterprise Wi-Fi Access Point
4.2021.01
GWN7630LR GRANDSTREAM-GWN7630LR Datasheet
669Kb / 2P
High-Performance Outdoor Long-Range Wi-Fi Access Point
9.2023.9
More results

Similar Description - GWN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS-AQ911 ETC2-GS-AQ911 Datasheet
62Kb / 2P
Space air quality transmitter
logo
ams AG
AS-MLV-P2 AMSCO-AS-MLV-P2 Datasheet
836Kb / 24P
Air Quality Sensor
logo
BELIMO AIRCONTROLS (USA...
22DC-51 BELIMO-22DC-51 Datasheet
473Kb / 4P
Duct Air Quality Sensor
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
MP905 WINSEN-MP905 Datasheet
783Kb / 7P
Air-Quality Gas Sensor
MQ135 WINSEN-MQ135 Datasheet
470Kb / 7P
Air Quality Gas Sensor
logo
Greystone Energy System...
IAQRM GREYSTONE-IAQRM Datasheet
243Kb / 2P
INDOOR AIR QUALITY SERIES
AIR41 GREYSTONE-AIR41 Datasheet
220Kb / 2P
ROOM AIR QUALITY TRANSMITTER
07/20
AQDT GREYSTONE-AQDT Datasheet
328Kb / 2P
DUCT AIR QUALITY TRANSMITTER
04/20
logo
Vaisala
AQT530 VAISALA-AQT530 Datasheet
183Kb / 2P
Air Quality Transmitter AQT530
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com