Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWN Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # GWN
Description  Air Quality
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

GWN Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  GWN Datasheet HTML 1Page - Veris. All Rights Reserved. GWN Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.6”
(15 mm)
4.5”
(113 mm)
2.75”
(70 mm)
1.2”
(30 mm)
1.1”
(27 mm)
1.7”
(42 mm)
3.25”
(83 mm)
Power Supply
Control System
Relay
+
–
–
Common
Gas Sensor Input*
Common
High Setpoint
End of Life
Low Setpoint
* Not available on relay only models.
ORDERING INFORMATION - PLATFORM
AG01E
CO Sensor
AG01
CO Sensor
AG02
NO
2 Sensor
SENSOR TYPE
Electrochemical
Electrochemical
Electrochemical
Non-dispersive infrared
Non-dispersive infrared
MEASUREMENT RANGE 0 to 300 ppm
0 to 500 ppm
0 to 15 ppm
0 to 2000 ppm
0 to 2000 ppm
ACCURACY
±3% of range
±5% of range
±5% of range at 25 °C
±2% of range
(60 to 2000 ppm)
±2% of range
(60 to 2000 ppm)
ANALOG OUTPUT
SCALING
0 to 200 ppm
0 to 500 ppm
0 to 15 ppm
0 to 2000 ppm
0 to 2000 ppm
RESOLUTION
1 ppm
1 ppm
0.1 ppm
1 ppm
1 ppm
SENSOR WARRANTY
2 years from
manufacture date
2 years from
manufacture date
2 years from
manufacture date
2 years from
manufacture date
2 years from
manufacture date
LOW SETPOINT VALUE
25 or 35 ppm
(switch selectable)
25 or 35 ppm
(switch selectable)
1 ppm (fixed)
100 ppm (fixed)
100 ppm (fixed)
HIGH SETPOINT VALUE
180 ppm (fixed)
180 ppm (fixed)
3 ppm (fixed)
500 ppm (fixed)
500 ppm (fixed)
OPERATING TEMP.
RANGE
-20 to 50 °C
(-4 to 122 °F)
-20 to 40 °C
(-4 to 104 °F)
-20 to 50 °C
(-4 to 122 °F)
-20 to 50 °C
(-4 to 122 °F)
-20 to 50 °C
(-4 to 122 °F)
OPERATING HUMIDITY
RANGE
0 to 90% RH
non-condensing
0 to 90% RH
non-condensing
0 to 90% RH
non-condensing
0 to 90% RH
non-condensing
0 to 90% RH
non-condensing
DIMENSIONAL DRAWING
WIRING DIAGRAM
ORDERING INFORMATION – REQUIRED SENSORS
Note: See Specifications section for AG sensor warranty details.
MODEL
DESCRIPTION
AG01
CO sensor, 3% accuracy. CO sources include exhaust from gasoline
powered engines, furnaces, water heaters and generators.
AG01E
CO sensor, 5% accuracy. CO sources include exhaust from gasoline
engines, furnaces, water heaters and generators
AG02
NO
2 sensor. NO2 sources include exhaust from diesel powered
engines and generators.
AG05
R134a sensor. R134a is a refrigerant used in HVAC applications.
AG06
R410a sensor. R410a is a refrigerant used in HVAC applications.
Example:
GWN
X
W
X
M
GWN*
Output
Housing
Color
V = Field-selectable,
0-5/0-10 Vdc
with relay
M = 4 to 20 mA with relay
1 = Relay only
Blank = Black
W
= White
X
X
*The GWN will not operate without an AG Series sensor installed.
Sensors are sold separately.
ORDERING INFORMATION – ACCESSORY ENCLOSURE
MODEL
DESCRIPTION
AGAE
Metal wall mount enclosure for the GWN gas platform with
audible horn and 10 A relay
AG05
R134a Refrigerant Sensor
AG06
R410a Refrigerant Sensor
HQ0004936.N 0621
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Air Quality / Gas Detection | GWN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com