Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H708 Datasheet(PDF) 1 Page - Veris. All Rights Reserved.

Part # H708
Description  Current Monitoring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

H708 Datasheet(HTML) 1 Page - Veris. All Rights Reserved.

  H708 Datasheet HTML 1Page - Veris. All Rights Reserved. H708 Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DETECTS BELT LOSS/COUPLING SHEAR!
DETECTS BELT LOSS/COUPLING SHEAR!
Now you can easily detect when drive belts slip, break, or pump couplings shear.
In fact, a typical HVAC motor that loses its load has a reduction of current draw
of up to 50%.That’s why our sensors are the industry standard for status.
Calibrated
Trip Point
O
O
Fan/pump
On
Loss of Belt/Coupling Shear
Electrical
Failure
H908
H708
H608
H808
H308
Notes: Do not use the LED status indicators as evidence of applied voltage.
If using this switch in an application that includes an electronically commutated motor
(ECM), see Veris Application Note VN61, at www.veris.com.
VFD systems generate fields that can disrupt electrical devices. Ensure that these fields are
minimized and are not affecting the sensor.
SPECIFICATIONS
Sensor Power
Induced from monitored conductor
Insulation Class
600 Vac RMS (UL), 300VAC RMS (CE)
Frequency Range 2
50/60 Hz, On/Off status for Variable Frequency Drive
(VFD) outputs at 12 to 115 Hz
Temperature Range
-15 to 60 °C (5 to 140 °F)
Humidity Range
10 to 90% RH non-condensing
Hysteresis
10% (typical)
Terminal Block Wire Size
H308: 22-16 AWG (0.3 to 1.3 mm2)
Others: 24-14 AWG (0.2 to 2.1 mm2)
Terminal Block Torque
H308: 3.5 to 7 in-lbs (0.8 N-m)
Others: 3.5 to 4.4 in-lbs (0.4 to 0.5 N-m)
WARRANTY
Limited Warranty
5 years
AGENCY APPROVALS
Agency Approvals
UL 508 open device listing; CE: EN61010-1, CAT III,
Pollution Degree 2, basic insulation
E150462
APPLICATIONS
• Detecting belt loss, coupling
shear, and mechanical failure
• Verifying lighting circuit
and other electrical service
run times
• Monitoring status of industrial
process equipment
• Monitoring status of critical
motors (compressor, fuel, etc.)
• VFD output on/off status
Hx08 Series and H701 adjustable current switches offer high
performance, with a wide array of amperage range options.
These products can accurately detect belt loss, coupling shear,
or other mechanical failure on unit vents, exhaust fans, recirculation
pumps, and other fixed loads down to as little as 1/5 HP.
Maximize Reliability
Minimize Installed Cost
Retrofit or new
construction
High performance devices in split-
and solid-core housings
Small size
Fits easily inside small enclosures
Adjustable trip
point
Precise current trip point setting
Self-gripping iris
Self-gripping iris on split-core
housings for easy installation
Low setpoint
Minimum trip point as low as
0.5 A (H608)…no need for multiple
wraps of the conductor through
the sensor, even on loads as small
as 1/5 HP
Status LEDs
Status LEDs available for easy
setup and local indication
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
HX08 SERIES & H701
Detect Belt Loss, Coupling Shear,
and Mechanical Failure
Current Monitoring | Current Switches: Adjustable Trip Point, Standard Output
HQ0001754.H 0321


Similar Part No. - H708

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H7001NL PULSE-H7001NL Datasheet
123Kb / 3P
Designed to Support 10GBASE-T Transceivers
H7008FNL PULSE-H7008FNL Datasheet
468Kb / 3P
MDL,SIN,10G,1:1,SM,TU
H7008NL PULSE-H7008NL Datasheet
164Kb / 2P
THIS IS A RoHS COMPLIANT COMPONENT /PRODUCT ALL ENGINEERING CHANGES MUST HAVE PRIOR APPROVAL BY THE DESIGN CENTER
H7008NL PULSE-H7008NL_15 Datasheet
318Kb / 3P
MDL,SIN,10G,1:1,SM,OH
logo
Coilcraft lnc.
H7010-AL COILCRAFT-H7010-AL Datasheet
97Kb / 2P
Common Mode Line Chokes
More results

Similar Description - H708

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4951 SIEMENS-TLE4951 Datasheet
236Kb / 8P
CURRENT MONITORING IC
logo
Beijing Yaohuadechang E...
JAO22 YHDC-JAO22 Datasheet
630Kb / 1P
Current monitoring switch
JAO2009 YHDC-JAO2009 Datasheet
866Kb / 1P
Current monitoring switch
JAO3513 YHDC-JAO3513 Datasheet
2Mb / 1P
Current monitoring switch
logo
Maxim Integrated Produc...
MAX4173EVKIT MAXIM-MAX4173EVKIT Datasheet
109Kb / 4P
Real-Time Current Monitoring
Rev 0; 2/09
MAX4080EVKIT MAXIM-MAX4080EVKIT Datasheet
106Kb / 5P
Real-Time Current Monitoring
Rev 0; 12/07
MAX44285EVKIT MAXIM-MAX44285EVKIT Datasheet
443Kb / 6P
Precision Real-Time Current Monitoring
19-7021; Rev 0; 7/14
MAX44284EVKIT MAXIM-MAX44284EVKIT Datasheet
290Kb / 6P
Precision Real-Time Current Monitoring
19-7018; Rev 0; 7/14
logo
Littelfuse
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com