Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H708 Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # H708
Description  Current Monitoring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

H708 Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  H708 Datasheet HTML 1Page - Veris. All Rights Reserved. H708 Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL
AMPERAGE RANGE
@ 50/60 HZ ONLY
STATUS OUTPUT
(MAX.)
MIN. TRIP
POINT
HOUSING
STATUS
LED
UL
CE
H308
0.75 to 50 A
N.O. 1.0 A @ 30 Vac/dc
0.75 A or less
Split-Core
••
•• 2
••
H608
0.5 to 175 A
0.5 A or less
Split-Core
••
•• 1
••
H701
1 to 135 A
1.0 A or less
Solid-Core
••
H708
1 to 135 A
1.0 A or less
Solid-Core
••
••
H808
0.75 to 50 A
0.75 A or less
Solid-Core
••
••
••
H908
2.5 to 135 A
2.5 A or less
Split-Core
••
••
••
Motor
Fan or Pump
CONTROLLER
Digital
Input
CONTACTOR
9
0.7"
(18 mm)
0.4”x 0.2”
Slot (x2)
2.8" *
(71 mm)
1.7
(43 mm)
2.3"
(58 mm)
1.1" *
(27 mm)
0.9"
(23 mm)
Removable/Adjustable Mounting Bracket
1. Listed for use on 75 °C insulated conductors.
2. Product provides functional insulation only.
* Terminal block may extend up to 1/8” over the height dimensions shown.
** Slide switch may extend up to 1/4” over the height dimensions shown.
Removable Mounting Bracket
0.3”
(8 mm)
6 AWG max.
1.6”
(40 mm)
1.5”
(38 mm)
0.6”
(15 mm)
1.8”
(46 mm)
Ø 0.18”(x2)
(5 mm)
Self-gripping Iris
2.5" *
(64 mm)
2.1"
(54 mm)
3.5"
(89 mm)
2.9"
(74 mm)
0.4”x 0.2”
(10 mm x 5 mm)
Slot (2x)
1.2"
(31 mm)
Removable Mounting Bracket
0.7"
(18 mm)
0.5"
(13 mm)
2.1"
(54 mm)
1.0"
(26 mm)
0.6"
(16 mm)
Self-gripping Iris
0.2”x 0.15”
slot (2x)
1.1" *
(27 mm)
2.8"
(68 mm)
0.7"
(19 mm)
0.9"
(23 mm)
3.0" **
(75 mm)
Removable/Adjustable Mounting Bracket
3.8"
(95 mm)
4.2"
(106 mm)
Removable Mounting Bracket
Self-gripping Iris
1.0”
(25 mm)
0.8”
(21 mm)
1.1”
(26 mm)
3.1”**
(79 mm)
2.8”
(70 mm)
Ø 0.3”
(8 mm)
1.4”*
(36 mm)
2.5”
(64 mm)
3.0”
(76 mm)
Bracket can
be mounted
on three sides
for added
installation
flexibility.
H308
Dimensional Drawing
H708/701
Dimensional Drawing
H608
Dimensional Drawing
H908
Dimensional Drawing
H808
Dimensional Drawing
MONITORING FAN /PUMP MOTORS
FOR POSITIVE PROOF OF FLOW
Wiring Diagram
ORDERING INFORMATION
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Current Monitoring | Hx08 Series & H701
Current Monitoring | Current Switches: Adjustable Trip Point, Standard Output
HQ0001754.H 0321



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com