Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB Datasheet(PDF) 1 Page - Veris. All Rights Reserved.

Part # MSB
Description  Occupancy Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

MSB Datasheet(HTML) 1 Page - Veris. All Rights Reserved.

  MSB Datasheet HTML 1Page - Veris. All Rights Reserved. MSB Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standards
UL and cUL Listed; FCC part 15 (Class B)
for home and office use
Input
120 or 277 Vac±10% 60 Hz
Output
120 Vac, 1000 W max. tungsten incandescent
load; 1000 VA max. ballast load; ¼ HP max. motor
load; 277 Vac; 1800 VA max. ballast load
Temperature
0 to 50 °C (32 to 122 °F)
Humidity
Max. 90% RH non-condensing
WARRANTY
Limited Warranty
5 years
AGENCY APPROVALS
Top View
35 ft
(10.7m)
10 ft (3.1m)
15 ft (4.6m)
25 ft (7.6m)
35 ft
(10.7m)
Side View
4 ft
(1.2m)
Minor Motion
Major Motion
The MSB Series employs the latest passive infrared (PIR) technology
to automatically control lighting for areas up to 1000 square feet,
achieving energy savings and convenience.
Each sensor employs a special 180° multi-segmented lens and PIR
motion detector circuit to sense when a person enters the area and
automatically activate the lights. The sensor will automatically switch
the lights off after a preset delay if motion is no longer detected.
The MSB Series fits in place of existing wall switches, connecting to
existing wiring, similar to a typical wall switch. The MSB Series is the
simplest way to achieve energy saving lighting control with minimal
installation time.
To assure long relay life, the MSB Series employs a low energy switch
circuit to assure maximum contact life. These sensors are compatible
with electronic and magnectic ballast loads.
MSBP
SPECIFICATIONS
MSB SERIES
Coverage Patterns
Adjustable
Adjustable time delay
Line powered
No separate supply needed
Bypass button
Bypass button for “always
on” operability…simpilifies
commissioning 180-degree
motion detection
Ballast
compatibility
Compatible with magnetic and
electronic ballasts…provides
ultimate flexibility
180 degrees
180-degree motion detection
Loading
No minimum loading
requirement
APPLICATIONS
• Lighting control for LEED*
programs and reduced energy
usage
• Use in offices, copy rooms,
common building areas,
storage closets, small
conference rooms, and more
• Fits in place of existing wall
switches connecting to the
existing active line and ground
wiring…great for
retrofit installations
*Leadership in Energy and Environmental Design (LEED) is a registered mark of the US
Green Building Council
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Occupancy Sensors | Wall Switch Occupancy Sensors
MSB SERIES
Employs a Low-Energy Switch Circuit
to Maximize Contact Life
HQ0001802.H 0321


Similar Part No. - MSB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSB ADAM-TECH-MSB Datasheet
154Kb / 1P
.100 MINI SHUNTS .100 [2.54] CENTERLINE
logo
Schurter Inc.
MSB SCHURTER-MSB Datasheet
504Kb / 4P
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB Datasheet
282Kb / 4P
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB Datasheet
293Kb / 4P
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
logo
Volgen Kaga Electronics...
MSB-0505 VOLGEN-MSB-0505 Datasheet
244Kb / 3P
1 WATT DC//DC CONVERTER, SIIP PACKAGE
More results

Similar Description - MSB

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59250-1-S-01-A HAMLIN-59250-1-S-01-A Datasheet
89Kb / 1P
Seating Occupancy Reed Switch Sensor Features and Benefits
59251-1-S-01-A HAMLIN-59251-1-S-01-A Datasheet
89Kb / 1P
Seating Occupancy Reed Switch Sensor Features and Benefits
logo
PHOENIX CONTACT
2700606 PHOENIX-2700606 Datasheet
75Kb / 6P
Safety-related digital output module, IP20 protection, for the SafetyBridge system. The module has four safe digital outputs with two-channel occupancy or 8 safe digital outputs with single-channel occupancy
logo
Maxim Integrated Produc...
MAX20034EVKIT MAXIM-MAX20034EVKIT Datasheet
1Mb / 8P
Dual High-Voltage Step-Down Controllers to Minimize Board-Area Occupancy
Rev 0; 11/17
logo
EnOcean GmbH.
EOSCA ENOCEAN-EOSCA Datasheet
188Kb / 2P
Occupancy Sensor Ceiling Mounted
V2.4 April 2022
EOSDA ENOCEAN-EOSDA Datasheet
369Kb / 4P
Occupancy Sensor Sub Desk Installation Guide
V2.1 2020
EOSWA ENOCEAN-EOSWA Datasheet
198Kb / 2P
Occupancy Sensor Wall Mounted
v2.3 2022
LEDRU-W-AU ENOCEAN-LEDRU-W-AU Datasheet
3Mb / 2P
LED Relay Zone Controller 0-10V with Auxiliary Wired Occupancy
V1.5
logo
Murata Manufacturing Co...
MS201A-001 MURATA1-MS201A-001 Datasheet
891Kb / 12P
AMR Sensors (Magnetic Sensors)
Ver.10.1
MS205A-001 MURATA1-MS205A-001 Datasheet
881Kb / 12P
AMR Sensors (Magnetic Sensors)
Ver.10.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com