Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # MSB
Description  Occupancy Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

MSB Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  MSB Datasheet HTML 1Page - Veris. All Rights Reserved. MSB Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LOAD
Neutral (WHT)
Ground (GRN)
Hot (BLK)
(RED)
(RED)
LOAD
LOAD
Neutral (WHT)
Ground (GRN)
Hot (BLK)
4.2”
(107 mm)
4.5”
(114 mm)
1.8”
(46 mm)
2.8”
(69 mm)
1.3”
(33 mm)
Sensing Technology
= Passive Infrared (PIR)
MSB
P
Color
Turn On
# of Circuits
A = Automatic
M = Manual
1
W = White
V = Ivory
Example:
MSB
P
A
1
V
MSB SERIES
Dimensional Drawings
SINGLE-LEVEL LIGHTING
Wiring Diagram
BI-LEVEL LIGHTING
Wiring Diagram
ORDERING INFORMATION
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Occupancy Sensors | MSB Series
Occupancy Sensors | Wall Switch Occupancy Sensors
HQ0001802.H 0321



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com