Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF127B Datasheet(PDF) 19 Page - STMicroelectronics

Part # M68AF127B
Description  1Mbit 128K x8, 5V Asynchronous SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF127B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M68AF127B Datasheet HTML 15Page - STMicroelectronics M68AF127B Datasheet HTML 16Page - STMicroelectronics M68AF127B Datasheet HTML 17Page - STMicroelectronics M68AF127B Datasheet HTML 18Page - STMicroelectronics M68AF127B Datasheet HTML 19Page - STMicroelectronics M68AF127B Datasheet HTML 20Page - STMicroelectronics M68AF127B Datasheet HTML 21Page - STMicroelectronics M68AF127B Datasheet HTML 22Page - STMicroelectronics M68AF127B Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
M68AF127B
Figure 18. TSOP32 - 32-lead Thin Small Outline Package, 8x13.4mm, Package Outline
Note: Drawing is not to scale.
Table 12. TSOP32 - 32-lead Thin Small Outline Package, 8x13.4mm, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.0472
A1
0.05
0.15
0.0020
0.0059
A2
0.91
1.05
0.0358
0.0413
B
0.22
0.0087
C
0.10
0.21
0.0039
0.0083
CP
0.10
0.0039
D
13.40
–
–
0.5276
–
–
D1
11.80
–
–
0.4646
–
–
E
8.00
–
–
0.3150
–
–
e
0.50
–
–
0.0197
–
–
L
0.40
0.60
0.0157
0.0236
α
0°
5°
0°
5°
N32
32
TSOP-a
D1
E
1
N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com