Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD42 Datasheet(PDF) 2 Page - LightGraphix

Part # LD42
Description  LED WALL LIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD42 Datasheet(HTML) 2 Page - LightGraphix

  LD42 Datasheet HTML 1Page - LightGraphix LD42 Datasheet HTML 2Page - LightGraphix LD42 Datasheet HTML 3Page - LightGraphix LD42 Datasheet HTML 4Page - LightGraphix LD42 Datasheet HTML 5Page - LightGraphix LD42 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LD42
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 6 | Data sheet issued: 8 April 2026
WHITE LED ENGINE SPECIFICATION
Engine
C1
Beam angles
12°, 31°, 48°, 12° x 36°
LED manufacturer
NICHIA
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Current [Rated output]
350mA [1.2W]
500mA [1.7W]
Typical LED Circuit wattage
1.1W
1.6W
Delivered lumens (L100)*
103
134
Delivered lm/Circuit W**
95
83
Typical LED Source wattage
1W
1.5W
Source LED Lm
133
187
Source lm/W
136
129
Forward voltage (V100)
2.8V
2.9V
CRI
93
Colour consistency
2 SCDM
Peak intensity
1,057 cd
LOR
0.72
TM30
RF93 | RG100
UGR
UGR unavailable for wall mounted fittings
BUG rating (Sideways mounted)
B0-U2-G1
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on LD42-C1-500-LW30-NB
*Lumen output data applies to all colour temperatures
**LED wattage includes losses assocaited with using a 90% efficient driver
ENVIRONMENTAL
TM65
Available on request
TM66
2.7
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back
products to us for repair or refurbishment to extend their life without having to buy new fittings.
RLE
(REPLACEABLE LIGHT ENGINE)
Visit page 5 for replacement parts
2
350mA
500mA
Ambient temperature
55°C
-20°C to 55°C
-20°C to 55°C
Glass
3.3mm thick borosilicate
Materials
Hard anodised aluminium body with machined 316 stainless steel bezel
IP rating
IP68 - not suitable for permanent submersion
Wiring
In-series constant current wiring (pre-wired with 2 x single core cable at a length of 150mm*)
*Extendable cables available up to 2M. For longer cables see the LD44Y
MECHANICAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com