Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD42 Datasheet (PDF) - LightGraphix

LD42 Datasheet PDF - LightGraphix
Part # LD42
Download  LD42 Download
File Size   4115.69 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description LED WALL LIGHT

LD42 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD42 Datasheet PDF - LightGraphix

Part # LD42
Download  LD42 Click to download

File Size   4115.69 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description LED WALL LIGHT

LD42 Datasheet (HTML) - LightGraphix


LD42 Product details

KEY FEATURES
High-power C1 engine with NICHIA LED delivering up to 134lm
Miniature fitting with very minimal body depth and bezel diameter
Available with a 45% or 70% glare shield accessory
Optional 20° Tilt lens angles the light onto the lit surface for a more concentrated effect
Wide range of high-quality machined metal and painted bezel finishes available,
including: 316 Stainless Steel, Polished & Passivated 316 Stainless Steel,
Machined Brass, Flamed Solid Bronze, White (RAL 9016), Black (RAL 9005),
Antique Bronze, Satin Antique Brass, Satin Brass, Anthracite Grey (RAL 7016)
and any RAL
High efficiency optics produce excellent beam spread and shape
LED recessed 10mm within the body for reduced glare
Glass fixed with hidden gasket means no unsightly glue line
Hidden fixing options include spring clips or /480 first fix sleeve with O-rings
Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available




Similar Part No. - LD42

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD42-W-A-R-AR LIGHTGRAPHIX-LD42-W-A-R-AR Datasheet
3Mb / 5P
LED WALL LIGHT
27 November 2023
logo
Powerex Power Semicondu...
LD420850 POWEREX-LD420850 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD421050 POWEREX-LD421050 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD421250 POWEREX-LD421250 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD421450 POWEREX-LD421450 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
More results


Similar Description - LD42

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-A5630AZL LITEON-LTPA-A5630AZL Datasheet
750Kb / 21P
Light LED
LTPA-CM036 LITEON-LTPA-CM036 Datasheet
896Kb / 20P
Light LED
LTPA-P3030SZL LITEON-LTPA-P3030SZL Datasheet
997Kb / 20P
Light LED
LTW-E670DS-TH1 LITEON-LTW-E670DS-TH1 Datasheet
651Kb / 12P
Light LED
LTW-K140SZR27 LITEON-LTW-K140SZR27 Datasheet
696Kb / 19P
Light LED
LTW-K140SZR40 LITEON-LTW-K140SZR40 Datasheet
737Kb / 19P
Light LED
LTW-K140SZR50 LITEON-LTW-K140SZR50 Datasheet
738Kb / 19P
Light LED
LTW-K140SZR65 LITEON-LTW-K140SZR65 Datasheet
699Kb / 19P
Light LED
LTW-M140SXT57 LITEON-LTW-M140SXT57 Datasheet
797Kb / 17P
Light LED
logo
ELATEC GmbH
T4WK-B01EU6 ELATEC-T4WK-B01EU6 Datasheet
358Kb / 4P
TWN4 Palon Compact LEGIC Wall Light
11/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com