Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD42-W-A-R-AR Datasheet (PDF) - LightGraphix

LD42-W-A-R-AR Datasheet PDF - LightGraphix
Part # LD42-W-A-R-AR
Download  LD42-W-A-R-AR Download
File Size   3866.05 Kbytes
Page   5 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description LED WALL LIGHT

LD42-W-A-R-AR Datasheet (PDF)

Go To PDF Page Download Datasheet
LD42-W-A-R-AR Datasheet PDF - LightGraphix

Part # LD42-W-A-R-AR
Download  LD42-W-A-R-AR Click to download

File Size   3866.05 Kbytes
Page   5 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description LED WALL LIGHT

LD42-W-A-R-AR Datasheet (HTML) - LightGraphix


LD42-W-A-R-AR Product details

KEY FEATURES
High-power C1 engine with NICHIA LED delivering up to 174lm
Miniature fitting with very minimal body depth and bezel diameter
Options include 50% glare shield (LD42W), combined 50% glare shield and 20° tilt
film (LD42A), 70% glare shield (LD42R) or combined 70% glare shield and 20° tilt film
(LD42AR)
Wide range of high-quality machined metal and painted bezel finishes available,
including: 316 Stainless Steel, Polished & Passivated 316 Stainless Steel, Brass,
Flamed Solid Bronze, White (RAL 9016), Black (RAL 9005), Antique Bronze, Satin
Antique Brass, Satin Brass, Anthracite Grey (RAL 7016) and any RAL
High efficiency optics produce excellent beam spread and shape




Similar Part No. - LD42-W-A-R-AR

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD42 LIGHTGRAPHIX-LD42 Datasheet
4Mb / 6P
LED WALL LIGHT
8 April 2026
logo
Powerex Power Semicondu...
LD420850 POWEREX-LD420850 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD421050 POWEREX-LD421050 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD421250 POWEREX-LD421250 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD421450 POWEREX-LD421450 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
More results


Similar Description - LD42-W-A-R-AR

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-A5630AZL LITEON-LTPA-A5630AZL Datasheet
750Kb / 21P
Light LED
LTPA-CM036 LITEON-LTPA-CM036 Datasheet
896Kb / 20P
Light LED
LTPA-P3030SZL LITEON-LTPA-P3030SZL Datasheet
997Kb / 20P
Light LED
LTW-E670DS-TH1 LITEON-LTW-E670DS-TH1 Datasheet
651Kb / 12P
Light LED
LTW-K140SZR27 LITEON-LTW-K140SZR27 Datasheet
696Kb / 19P
Light LED
LTW-K140SZR40 LITEON-LTW-K140SZR40 Datasheet
737Kb / 19P
Light LED
LTW-K140SZR50 LITEON-LTW-K140SZR50 Datasheet
738Kb / 19P
Light LED
LTW-K140SZR65 LITEON-LTW-K140SZR65 Datasheet
699Kb / 19P
Light LED
LTW-M140SXT57 LITEON-LTW-M140SXT57 Datasheet
797Kb / 17P
Light LED
logo
ELATEC GmbH
T4WK-B01EU6 ELATEC-T4WK-B01EU6 Datasheet
358Kb / 4P
TWN4 Palon Compact LEGIC Wall Light
11/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com