Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD42-W-A-R-AR Datasheet(PDF) 4 Page - LightGraphix

Part # LD42-W-A-R-AR
Description  LED WALL LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD42-W-A-R-AR Datasheet(HTML) 4 Page - LightGraphix

  LD42-W-A-R-AR Datasheet HTML 1Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 2Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 3Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 4Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data sheet issued: 27 November 2023 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD42/W/A/R/AR
GLARE CONTROL AND LIGHT OUTPUT OPTIONS
LD42
Circular aperture with lens and LED assembly recessed into the body by 10mm.
/480 Fixing Sleeve with 'O' rings
Method 1
27
2.1
37
Ø27.3
Ø36
27.1
Ø32
Cut-out
0.8
Ø34
LD42
LD42W
LD42A
LD42R
LD42AR
Method 1
10
Ø36
27.1
Ø32
Cut-out
0.8
Ø34 Ø36
2.4
Cut-Out
32
36
10
27
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
/480 Fixing Sleeve with ‘O’ rings
LD43
LD43W
LD43A
2.4
36
27
35
27
Cut-Out
32
/SC Spring Clips
10
27
35
LD43R
LD43AR
LD42W
Addition of a half-moon glare shield in front of the lens to further reduce glare.
Please note that the oval beam cannot be used with the LD42W.
/480 Fixing Sleeve with 'O' rings
Method 1
27
2.1
37
Ø27.3
Ø36
27.1
Ø32
Cut-out
0.8
Ø34
LD42
LD42W
LD42A
LD42R
LD42AR
Method 1
10
Ø36
27.1
Ø32
Cut-out
0.8
Ø34 Ø36
LD42A
Features the LD42W half-moon glare shield, but with the addition of an integral 20° tilt
film which angles the light down towards the lit surface. Please note that the oval beam
cannot be used with the LD42A.
/480 Fixing Sleeve with 'O' rings
Method 1
27
2.1
37
Ø27.3
Ø36
27.1
Ø32
Cut-out
0.8
Ø34
LD42
LD42W
LD42A
LD42R
LD42AR
Method 1
10
Ø36
27.1
Ø32
Cut-out
0.8
Ø34 Ø36
LD42R
Features a 70% glare shield for applications that require minimal output and glare.
Please note that the oval beam cannot be used with the LD42R.
LD42AR
Features the LD42R 70% glare shield, but with the addition of an integral 20°tilt film
which angles the light down towards the lit surface. Please note the LD42AR is only
available in a narrow beam.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com