Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD42-W-A-R-AR Datasheet(PDF) 2 Page - LightGraphix

Part # LD42-W-A-R-AR
Description  LED WALL LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD42-W-A-R-AR Datasheet(HTML) 2 Page - LightGraphix

  LD42-W-A-R-AR Datasheet HTML 1Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 2Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 3Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 4Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data sheet issued: 27 November 2023 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD42/W/A/R/AR
WHITE LED ENGINE SPECIFICATION
Engine
C1
Beam angles
12°, 31°, 48°, 12° x 36°
LED manufacturer
NICHIA
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Current
350mA
500mA
LED power (Max)**
1.2W
1.7W
Delivered lumens (L100)*
103
134
Lumens per circuit watt
86
79
Forward voltage (V100)
3V
3.2V
CRI (Typ)
93
Colour consistency
2 SCDM
Peak intensity
1057 cd
LED Lumens
157lm
LOR
0.84
TM30
RF93
RG100
UGR***
18.3
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on LD42-C1-500-LW30-NB
*Lumen output data applies to all colour temperatures
**I
ndicates the nominal power for the LED run at that particular current and includes losses associated with using an 85% efficient driver
***UGR values based on room parameters of 4H 8H, C70 W50 F20
LD42A and LD42W lumen output will be 40% less due to the glare shield - LD42R lumen output will be 77% less - LD42AR lumen output will be 73% less
TM65
Available on request
TM66
2.7
ENVIRONMENTAL
Ambient temperature
-20° to 45° (350mA) or -20° to 35° (500mA)
Glass
3.3mm thick borosilicate
Materials
Hard anodised aluminium body with machined 316 stainless steel bezel
IP rating
IP68 - not suitable for permanent submersion
Wiring
In-series constant current wiring (pre-wired with 2 x single core cable at a length of 150mm*)
*Extendable cables available up to 2M. For longer cables see the LD44Y



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com