Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD42-W-A-R-AR Datasheet(PDF) 1 Page - LightGraphix

Part # LD42-W-A-R-AR
Description  LED WALL LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD42-W-A-R-AR Datasheet(HTML) 1 Page - LightGraphix

  LD42-W-A-R-AR Datasheet HTML 1Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 2Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 3Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 4Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data sheet issued: 27 November 2023 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD42/W/A/R/AR
>
High-power C1 engine with NICHIA LED delivering up to 174lm
>
Miniature fitting with very minimal body depth and bezel diameter
>
Options include 50% glare shield (LD42W), combined 50% glare shield and 20° tilt
film (LD42A), 70% glare shield (LD42R) or combined 70% glare shield and 20° tilt film
(LD42AR)
>
Wide range of high-quality machined metal and painted bezel finishes available,
including: 316 Stainless Steel, Polished & Passivated 316 Stainless Steel, Brass,
Flamed Solid Bronze, White (RAL 9016), Black (RAL 9005), Antique Bronze, Satin
Antique Brass, Satin Brass, Anthracite Grey (RAL 7016) and any RAL
>
High efficiency optics produce excellent beam spread and shape
>
LED recessed 10mm within the body for reduced glare
>
Glass fixed with hidden gasket means no unsightly glue line
>
Hidden fixing options include spring clips or /480 first fix sleeve with O-rings
>
Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available
For fixing dimensions please go to page 4.
KEY FEATURES
Dimensions in mm
DIMENSIONS
LOW GLARE MINIATURE RECESSED
INTERIOR/EXTERIOR LED WALL LIGHT
The LD42 fittings are a range of miniature recessed LED wall
lights, ideal for discreet lighting of steps and pathways in
interior, exterior and marine applications. The lens assembly
is recessed 10mm within the body for low glare, which can be
further reduced with a unique combination of glare shield and
tilt film options (W, A, R, AR), to suit individual application
requirements. This includes aperture reductions of 50% or
70%, with or without an integral 20° tilt film, which focuses
the light onto the lit surface for a concentrated lit effect. For
a miniature fitting, LD42 produces an excellent throw of light
when more output is required and with a high IP rating, is
ideal for use in the harshest of environments. When used with
our LD43 uplight, a uniform floor and wall washing effect can
be achieved.
LD42/W/A/R/AR
Ø36
Ø27
35
LD42
2.4
Cut-Out
32
36
10
27
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
/480 Fixing Sleeve with ‘O’ rings
LD43
LD43W
LD43A
2.4
36
27
35
27
Cut-Out
32
/SC Spring Clips
10
27
35
LD43R
LD43AR
LD42W & LD42A
LD42R & LD42AR


Similar Part No. - LD42-W-A-R-AR

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD42 LIGHTGRAPHIX-LD42 Datasheet
4Mb / 6P
LED WALL LIGHT
8 April 2026
logo
Powerex Power Semicondu...
LD420850 POWEREX-LD420850 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD421050 POWEREX-LD421050 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD421250 POWEREX-LD421250 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD421450 POWEREX-LD421450 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
More results

Similar Description - LD42-W-A-R-AR

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-A5630AZL LITEON-LTPA-A5630AZL Datasheet
750Kb / 21P
Light LED
LTPA-CM036 LITEON-LTPA-CM036 Datasheet
896Kb / 20P
Light LED
LTPA-P3030SZL LITEON-LTPA-P3030SZL Datasheet
997Kb / 20P
Light LED
LTW-E670DS-TH1 LITEON-LTW-E670DS-TH1 Datasheet
651Kb / 12P
Light LED
LTW-K140SZR27 LITEON-LTW-K140SZR27 Datasheet
696Kb / 19P
Light LED
LTW-K140SZR40 LITEON-LTW-K140SZR40 Datasheet
737Kb / 19P
Light LED
LTW-K140SZR50 LITEON-LTW-K140SZR50 Datasheet
738Kb / 19P
Light LED
LTW-K140SZR65 LITEON-LTW-K140SZR65 Datasheet
699Kb / 19P
Light LED
LTW-M140SXT57 LITEON-LTW-M140SXT57 Datasheet
797Kb / 17P
Light LED
logo
ELATEC GmbH
T4WK-B01EU6 ELATEC-T4WK-B01EU6 Datasheet
358Kb / 4P
TWN4 Palon Compact LEGIC Wall Light
11/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com