Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG913Y-RSP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG913Y-RSP
Description  HyperLink Wireless 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG913Y-RSP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG913Y-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG913Y-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Specifications
Model
HG913Y
Frequency
890-960 MHz
Gain
13 dBi
Polarization
Horizontal or Vertical
Horizontal Beam Width
30°
Vertical Beam Width
30°
Front to Back Ratio
18 dB
Impedance
50 Ohm
Max. Input Power
100 Watts
VSWR
< 1.5:1 avg.
Elements
15
Weight
2.7 lbs. (1.25 kg)
Length
57 in. (1.45 m)
Mounting
2 in. (50.8 mm) diameter mast max.
Operating Temperature
-40° C to 85° C
(-40° F to 185° F)
Lightning Protection
DC Short
Connector
N-Female
Wind Survival
135 MPH
RoHS Compliant
Yes
Wind Loading Data
Wind Speed (MPH)
Loading
100
11.5 lb.
120
18.2 lb.
100 w/1/2” Radial Ice
21 lb.
RF Antenna Gain Patterns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com