Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG913Y-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG913Y-RSP
Description  HyperLink Wireless 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG913Y-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG913Y-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG913Y-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless
900 MHz 13 dBi Yagi Antennas for
ISM, GSM and Wireless LAN Systems
Model:
HG913Y
Applications and Features
Applications:
900MHz ISM Band
Wireless LAN systems
Point to multipoint applications
Non Line of Sight (NLOS)
GSM
RFID
SCADA
Wireless Video Links
900MHz Cellular
Features:
Superior performance
Heavy duty steel construction
All weather operation
Heavy-duty 1/2" stainless steel boom
Solid 1/8" elements
18 inch coax lead
Can be installed for either vertical or
horizontal polarization
1/8" thick plated steel mounting plate
RoHS Compliant
Product Description
Superior Performance
The HyperGain
® HG9013Y High-Performance Yagi Antennas combines high gain with a wide beam-width. They are ideally
suited for directional applications in the 900MHz ISM and GSM bands. Typical applications include 900MHz Wireless LAN,
SCADA, Wireless Video Links, 900 MHz Cellular, Non Line of Sight (NLOS) applications and point to multi-point systems.
External interference of this antenna is minimized due to the excellent front to back ratio. These antennas come with a 18" coax
lead terminated with an N-Female connector. It can be installed for either vertical or horizontal polarization
Rugged and Weatherproof
This antenna features a heavy-duty 1/2" stainless steel boom and solid 1/8" elements. Secure mounting is assured by a 1/8"
thick plated steel mounting plate and two plated steel U-bolts.


Similar Part No. - HG913Y-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG913Y-NF L-COM-HG913Y-NF Datasheet
110Kb / 2P
HyperLink Wireless 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems
HG913Y-NF L-COM-HG913Y-NF Datasheet
105Kb / 2P
HyperLink Wireless brand 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems
04/14/2021
HG913Y-NM L-COM-HG913Y-NM Datasheet
110Kb / 2P
HyperLink Wireless 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems
More results

Similar Description - HG913Y-RSP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30050-RA WPI-WPANT30050-RA Datasheet
97Kb / 2P
900 MHz Directional Yagi Antenna
WPANT10016-CA WPI-WPANT10016-CA Datasheet
331Kb / 5P
800 / 900 MHz ISM Band and GSM Embedded Antenna
logo
List of Unclassifed Man...
88980160 ETC2-88980160 Datasheet
618Kb / 3P
Wireless network antennas
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
For wireless LAN
logo
TAI-SAW TECHNOLOGY CO.,...
TB352ED TAI-SAW-TB352ED Datasheet
967Kb / 5P
SAW Filter 352 MHz for Wireless LAN
logo
PHOENIX CONTACT
2902277 PHOENIX-2902277 Datasheet
68Kb / 4P
Wireless module - RAD-ISM-900-DATA-BD-PLUS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com