Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFSR500P Datasheet(PDF) 2 Page - Clarke International

Part # CFSR500P
Description  500KG STEEL FOLDING RAMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFSR500P Datasheet(HTML) 2 Page - Clarke International

  CFSR500P Datasheet HTML 1Page - Clarke International CFSR500P Datasheet HTML 2Page - Clarke International CFSR500P Datasheet HTML 3Page - Clarke International CFSR500P Datasheet HTML 4Page - Clarke International CFSR500P Datasheet HTML 5Page - Clarke International CFSR500P Datasheet HTML 6Page - Clarke International CFSR500P Datasheet HTML 7Page - Clarke International CFSR500P Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
The CLARKE CFSR500P Steel Folding Ramps are designed to simplify your
loading and unloading of ATV's as well as motorcycles and lawn mowers. They
are NOT designed to support the weight of a vehicle when ramps are
extended.
• Only use as a vehicle ramp when the ramp is in the folded position.
• As vehicle ramps (folded) maximum weight capacity is 800kg per ramp.
• As ATV ramp (extended) maximum weight capacity is 250kg per ramp.
Before attempting to use this product, it is essential that you read this manual
thoroughly and carefully follow all instructions given. In doing so you can look
forward to the product giving you long and satisfactory service.
SPECIFICATIONS
CONTENTS
Model Number
CFSR500P
Maximum Load Single/pair: (Extended)
250/500kg
Maximum Load Single/pair: (Folded)
800/1600kg
Maximum Allowable Tyre Width
9"
Extended Dimensions (L X W X H)
2000 x 230 x 50mm
Folded Dimensions (L X W X H)
890 x 230 x 150mm
Maximum Height Of Tailgate From Ground
76cm
Weight Single/pair
13.5/27.5kg
Folding Ramp with Carrying Strap
x 2
Angle Ramp
x 2
Safety Straps
x 2
Tyre Stop
x 2
Bolt & lock nut (M10X20)
x 8
Bolt, nut & washer (M8x40)
x 4
Bolt, nut & washer (M8x20)
x 4
Bolt & washer (M8x16)
x 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com