Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFSR500P Datasheet(PDF) 3 Page - Clarke International

Part # CFSR500P
Description  500KG STEEL FOLDING RAMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFSR500P Datasheet(HTML) 3 Page - Clarke International

  CFSR500P Datasheet HTML 1Page - Clarke International CFSR500P Datasheet HTML 2Page - Clarke International CFSR500P Datasheet HTML 3Page - Clarke International CFSR500P Datasheet HTML 4Page - Clarke International CFSR500P Datasheet HTML 5Page - Clarke International CFSR500P Datasheet HTML 6Page - Clarke International CFSR500P Datasheet HTML 7Page - Clarke International CFSR500P Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFE WORKING PRACTICES
1. Read, study, understand and follow all warnings/cautions and instructions
before use. Failure to do so may result in injury and/or property damage.
2. ALWAYS load or unload on a solid, level, well lit surface.
3. Make sure that the truck or trailer is in a locked position. (Make sure parking
brakes are on). Use wheel chocks. If the truck or trailer moves forward while
loading or unloading, the ramps may slip off the vehicle causing the load
to fall.
4. DO NOT overload the ramps.
• As a loading ramp - Maximum capacity single = 250kg, pair = 500kg. All
loads must be evenly distributed.
• As a vehicle ramp - Maximum capacity single = 800kg, pair = 1600kg.
All loads must be evenly distributed.
5. Do not exceed the rated capacity of the tailgate - see your vehicle
owner's manual.
• The maximum height of the tailgate that the ramp attaches to is 76cm.
6. Always use the safety straps to securely fasten the ramps to the vehicle to
prevent the ramp slipping off the tailgate.
7. Keep children and unauthorised persons away from the work area.
8. Inspect the ramps before each use. Check fasteners for tightness and
replace any worn or damaged parts. Replace the safety strap if the
webbing is frayed or worn.
9. Ramp surfaces must be clean, dry and free from oil, grease and water.
10. Any ramp that appears to be damaged in any way, is found to be worn, or
operates abnormally MUST BE REMOVED FROM SERVICE IMMEDIATELY UNTIL
REPAIRED.
11. If the ramps are believed to have been subjected to abnormal load or
stress they MUST BE REMOVED FROM SERVICE IMMEDIATELY UNTIL FULLY
INSPECTED FOR DAMAGE.
12. DO NOT modify the ramps in any way.
13. Carefully roll or winch equipment up or down the ramps. Never drive or ride
on your equipment while loading or unloading.
WARNING: THE WARNINGS, CAUTIONS AND INSTRUCTIONS REFERRED TO
IN THIS MANUAL CANNOT COVER ALL POSSIBLE CONDITIONS AND
SITUATIONS THAT MAY OCCUR. IT MUST BE UNDERSTOOD THAT COMMON
SENSE AND CAUTION ARE FACTORS WHICH CANNOT BE BUILT INTO THIS
PRODUCT, BUT MUST BE APPLIED BY THE OPERATOR.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com