Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA20F Datasheet(PDF) 4 Page - Clarke International

Part # CSA20F
Description  20 TONNE HYDRAULIC PRESS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSA20F Datasheet(HTML) 4 Page - Clarke International

  CSA20F Datasheet HTML 1Page - Clarke International CSA20F Datasheet HTML 2Page - Clarke International CSA20F Datasheet HTML 3Page - Clarke International CSA20F Datasheet HTML 4Page - Clarke International CSA20F Datasheet HTML 5Page - Clarke International CSA20F Datasheet HTML 6Page - Clarke International CSA20F Datasheet HTML 7Page - Clarke International CSA20F Datasheet HTML 8Page - Clarke International CSA20F Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
UNPACKING
Ensure the press and its components suffered no damage during transit and
that all components are present. Should any loss or damage become
apparent, please contact your CLARKE dealer immediately
INVENTORY
• 1 x Frame
• 2 x Base Supports
• 4 x Stay Bars
• 1 x Ram
• 1 x Ram Baseplate
• 1 x Pump
• 1 x Pump Handle
• 1 x Hose Assembly (attached to frame)
• 1 x Pressure Gauge
• 1 x Press Bed (Frame)
• 2 x Bed Support Pins with 4 x retaining spring clips
• 2 x Bed blocks (V-blocks)
• 1 x Instruction Manual
• 1 x Fixing Kit (containing bolts, flat washer, spring washers & nuts,
compression springs & hydraulic fittings).
TOOLS REQUIRED
• Open spanners (10, 12, 17, 19, 22, 27 & 29 mm) or an adjustable wrench
• PTFE tape
ACCESSORIES
• A mandrel set (including storage bracket and pressure plate) is not supplied
with the press but is available from your dealer as Clarke part no 7615062.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com