Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA20F Datasheet(PDF) 13 Page - Clarke International

Part # CSA20F
Description  20 TONNE HYDRAULIC PRESS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSA20F Datasheet(HTML) 13 Page - Clarke International

Back Button CSA20F Datasheet HTML 9Page - Clarke International CSA20F Datasheet HTML 10Page - Clarke International CSA20F Datasheet HTML 11Page - Clarke International CSA20F Datasheet HTML 12Page - Clarke International CSA20F Datasheet HTML 13Page - Clarke International CSA20F Datasheet HTML 14Page - Clarke International CSA20F Datasheet HTML 15Page - Clarke International CSA20F Datasheet HTML 16Page - Clarke International CSA20F Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TECHNICAL SPECIFICATIONS
Capacity
20 Tonne
Operating Pressure
69 Mpa
Bursting Pressure
138 Mpa
Ram Travel
189 mm
Ram Shaft Diameter
76 mm
Net Weight
138 kg
Dimensions D x W x H
560 x 800 (exc pump) x 1610
Throat Width
550 mm
Throat Depth (Ram to pressing plate)
Platform at highest;- 30 mm
Platform at middle;- 470 mm
Platform at lowest;- 1025 mm
Ram travel per stroke
1.1 mm
No of strokes to full extension
170
Pressure Gauge type
Accuracy class 2.5
Length of Handle
620 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com