Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VC Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32F103VC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VC Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32F103VC Datasheet HTML 56Page - STMicroelectronics STM32F103VC Datasheet HTML 57Page - STMicroelectronics STM32F103VC Datasheet HTML 58Page - STMicroelectronics STM32F103VC Datasheet HTML 59Page - STMicroelectronics STM32F103VC Datasheet HTML 60Page - STMicroelectronics STM32F103VC Datasheet HTML 61Page - STMicroelectronics STM32F103VC Datasheet HTML 62Page - STMicroelectronics STM32F103VC Datasheet HTML 63Page - STMicroelectronics STM32F103VC Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 118 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
60/118
Figure 24.
Asynchronous multiplexed SRAM/NOR write timings
Table 32.
Asynchronous multiplexed SRAM/NOR write timings(1)
1.
TBD = to be determined.
FSMC - Asynchronous multiplexed SRAM/NOR write timings
VDD_IO = V and CL = 15 pF
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
TBD
TBD
t
CK/ns
tv(NWE_NE)
FSMC_NEx low to FSMC_NWE low
TBD
TBD
t
CK/ns
tw(NWE)
FSMC_NWE low time
TBD
TBD
t
CK/ns
th(NE_NWE)
FSMC_NWE high to FSMC_NE high hold time
TBD
t
CK/ns
tv(A_NE)
FSMC_NEx low to FSMC_A valid
TBD
ns
tv(NADV_NE)
FSMC_NEx low to FSMC_NADV low
TBD
TBD
t
CK/ns
tw(NADV)
FSMC_NADV low time
TBD
TBD
t
CK/ns
th(AD_NADV)
FSMC_AD (address) valid hold time after FSMC_NADV high
TBD
t
CK/ns
tdis(AD_NADV) FSMC_AD (address) disable time after FSMC_NADV high
TBD
t
CK/ns
th(A_NWE)
Address hold time after FSMC_NWE high
TBD
t
CK/ns
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
TBD
ns
th(BL_NWE)
FSMC_BL hold time after FSMC_NWE high
TBD
t
CK/ns
tv(Data_NADV) FSMC_NADV high to Data valid
TBD
t
CK/ns
th(Data_NWE) Data hold time after FSMC_NWE high
TBD
t
CK/ns
NBL
Data
FSMC_NEx
FSMC_NBL[3:0]
FSMC_AD[15:0]
tv(BL_NE)
th(Data_NW)
FSMC_NOE
Address
FSMC_A[25:16]
tv(A_NE)
tw(WENL)
FSMC_NWE
tv(NWE_NE)
t h(NE_NWE)
th(A_NWE)
th(BL_NWE)
t v(A_NE)
twNE
ai14891
Address
FSMC_NADV
t v(NADV_NE)
tw(NADV)
tv(Data_NL)
th(AD_NADV)
tdis(AD_NADV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com