Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VC Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32F103VC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VC Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32F103VC Datasheet HTML 22Page - STMicroelectronics STM32F103VC Datasheet HTML 23Page - STMicroelectronics STM32F103VC Datasheet HTML 24Page - STMicroelectronics STM32F103VC Datasheet HTML 25Page - STMicroelectronics STM32F103VC Datasheet HTML 26Page - STMicroelectronics STM32F103VC Datasheet HTML 27Page - STMicroelectronics STM32F103VC Datasheet HTML 28Page - STMicroelectronics STM32F103VC Datasheet HTML 29Page - STMicroelectronics STM32F103VC Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 118 page
background image
Pin descriptions
STM32F103xC, STM32F103xD, STM32F103xE
26/118
Table 4.
Pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Default
Remap
A3
A3
-
1
1
PE2
I/O FT
PE2
TRACECK/ FSMC_A23
A2
B3
-
2
2
PE3
I/O FT
PE3
TRACED0/FSMC_A19
B2
C3
-
3
3
PE4
I/O FT
PE4
TRACED1/FSMC_A20
B3
D3
-
4
4
PE5
I/O FT
PE5
TRACED2/FSMC_A21
B4
E3
-
5
5
PE6
I/O FT
PE6
TRACED3/FSMC_A22
C2
B2
1
6
6
VBAT
SVBAT
A1
A2
2
7
7
PC13-TAMPER-
RTC(4)
I/O
PC13(5)
TAMPER-RTC
B1
A1
3
8
8
PC14-OSC32_IN(4) I/O
PC14(5)
OSC32_IN
C1
B1
4
9
9
PC15-
OSC32_OUT(4)
I/O
PC15(5)
OSC32_OUT
C3
-
-
-
10
PF0
I/O FT
PF0
FSMC_A0
C4
-
-
-
11
PF1
I/O FT
PF1
FSMC_A1
D4
-
-
-
12
PF2
I/O FT
PF2
FSMC_A2
E2
-
-
-
13
PF3
I/O FT
PF3
FSMC_A3
E3
-
-
-
14
PF4
I/O FT
PF4
FSMC_A4
E4
-
-
-
15
PF5
I/O FT
PF5
FSMC_A5
D2
C2
-
10
16
VSS_5
SVSS_5
D3
D2
-
11
17
VDD_5
SVDD_5
F3
---
18
PF6
I/O
PF6
ADC3_IN4/
FSMC_NIORD
F2
---
19
PF7
I/O
PF7
ADC3_IN5/
FSMC_NREG
G3
---
20
PF8
I/O
PF8
ADC3_IN6/
FSMC_NIOWR
G2
---
21
PF9
I/O
PF9
ADC3_IN7/
FSMC_CD
G1
-
-
-
22
PF10
I/O
PF10
ADC3_IN8/
FSMC_INTR
D1
C1
5
12
23
OSC_IN
I
OSC_IN
E1
D1
6
13
24
OSC_OUT
O
OSC_OUT
F1
E1
7
14
25
NRST
I/O
NRST
H1
F1
8
15
26
PC0
I/O
PC0
ADC123_IN10
H2
F2
9
16
27
PC1
I/O
PC1
ADC123_IN11
H3
E2
10
17
28
PC2
I/O
PC2
ADC123_IN12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com