Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VC Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32F103VC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VC Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32F103VC Datasheet HTML 100Page - STMicroelectronics STM32F103VC Datasheet HTML 101Page - STMicroelectronics STM32F103VC Datasheet HTML 102Page - STMicroelectronics STM32F103VC Datasheet HTML 103Page - STMicroelectronics STM32F103VC Datasheet HTML 104Page - STMicroelectronics STM32F103VC Datasheet HTML 105Page - STMicroelectronics STM32F103VC Datasheet HTML 106Page - STMicroelectronics STM32F103VC Datasheet HTML 107Page - STMicroelectronics STM32F103VC Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 118 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
104/118
5.3.19
DAC electrical specifications
Table 61.
DAC characteristics
Symbol
Parameter
Min
Typ
Max(1)
Unit
Comments
VDD33A
Analog supply voltage
2.4
3.6
V
VDD18D
Digital supply voltage
1.6
1.8
2
V
VREF+
Reference supply voltage
2.4
3.6
V
VREF+ must always be below
VDD33A
VSSA
Ground
0
0
V
RL
Resistive load with buffer ON
5
k
Ω
Minimum resistive load between
DAC_OUT and VSSA
CL
Capacitive load
50
pF
Maximum capacitive load at
DAC_OUT pin.
DAC_OUT
min
Lower DAC_OUT voltage with
buffer ON
0.2
V
It gives the maximum output
excursion of the DAC
it corresponds to 12-bit input
code (0E0)h to (F1C)h @ VREF+
= 3.6 V and (155)h and (EAB)h
@ VREF+ = 2.4 V
DAC_OUT
max
Higher DAC_OUT voltage with
buffer ON
VREF+– 0.2 V
V
IDD
DAC DC current consumption
in quiescent mode (Standby
mode) (in VDD18D+VDD33A+
VREF+)
425
600
µA
With no load, middle code
(800)H on the inputs
500
700
µA
With no load, worst code
(F1C)H @ VREF+ = 3.6 V in
terms of DC consumption on the
inputs
IDDQ
DAC DC current consumption
in Power Down mode (in
VDD18D+VDD33A+VREF+)
5
350
nA
With no load.
DAC DC current consumption
in Power Down mode (in
VDD33A+VREF+)
5
200
DNL
Differential non linearity
(Difference between two
consecutive code-1LSB)
±0.5
LSB
Given for the DAC in 10-bit
configuration (B1=B0=0 always)
INL
Integral non linearity (difference
between measured value at
Code i and the value at Code i
on a line drawn between Code
0 and last Code 1023)
±1
LSB
Given for the DAC in 10-bit
configuration (B1=B0=0 always)
Offset
Offset error
(difference between measured
value at Code (800)H and the
ideal value = VREF+/2
±10
mV
Given for the DAC in 10-bit
configuration (B1=B0=0 always)
±3
LSB
Given for the DAC in 10-bit @
VREF+ = 3.6 V
Gain error
Gain error
±0.5
%
Given for the DAC in 10-bit
configuration (B1=B0=0 always)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com