Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103ZC Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32F103ZC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZC Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32F103ZC Datasheet HTML 77Page - STMicroelectronics STM32F103ZC Datasheet HTML 78Page - STMicroelectronics STM32F103ZC Datasheet HTML 79Page - STMicroelectronics STM32F103ZC Datasheet HTML 80Page - STMicroelectronics STM32F103ZC Datasheet HTML 81Page - STMicroelectronics STM32F103ZC Datasheet HTML 82Page - STMicroelectronics STM32F103ZC Datasheet HTML 83Page - STMicroelectronics STM32F103ZC Datasheet HTML 84Page - STMicroelectronics STM32F103ZC Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 118 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
81/118
Table 39.
Switching characteristics for NAND Flash read and write cycles(1)
1.
TBD = to be determined.
Symbol
Parameter
Timing
Unit
Min
Max
tv(NCEx-A)
FSMC_NCEx low (x = 2/3) to FSMC_Ay valid (y = 16/17)
-
TBD
ns
th(NCEx-AI)
FSMC_NCEx high (x = 2/3) to FSMC_Ax invalid (x =
16/17)
TBD
-
ns
td(D-NWE)
FSMC_D[15:0] valid before FSMC_NWE high
TBD
-
ns
td(NWE-D)
FSMC_D[15:0] valid after FSMC_NWE high
TBD
-
ns
td(NCEx-NOE)
FSMC_NCEx low to FSMC_NOE low
-
TBD
ns
tw(NOE)
FSMC_NOE low width
TBD
TBD
cycles/ns
th(NWE-D)
FSMC_NWE high to FSMC_D[15:0] invalid
ns
td(NOE-NWAITL) FSMC_NWAIT low after FSMC_NOE low
(2)
2.
When one or more wait states are inserted. If no wait state needs inserted, NWAIT should be kept high or
the wait feature should be disabled (WAITEN=0) in the control register.
TBD
td(NOE-NWAITH) FSMC_NWAIT high after FSMC_NOE low
(2)
TBD
td(NWAIT-NOE)
FSMC_NOE high after FSMC_NWAIT high
TBD
-
ns
tsu(D-NOE)
FSMC_D[15:0] valid data before FSMC_NOE high
TBD
-
ns
th(NOE-D)
FSMC_D[15:0] valid data after FSMC_NOE high
TBD
-
ns
td(NCEx-NWE)
FSMC_NCEx low to FSMC_NWE low
-
TBD
ns
tw(NWE)
FSMC_NWE low width
TBD
TBD
cycles/ns
td(NWE-NCEx)
FSMC_NWE high to FSMC_NCEx high
TBD
ns
td(NWE-NWAITL) FSMC_NWAIT low after FSMC_NWE low
(2)
TBD
ns
td(NWE-NWAITH) FSMC_NWAIT high after FSMC_NWE low
(2)
TBD
ns
td(NWAIT-NWE)
FSMC_NWE high after FSMC_NWAIT high
TBD
-
ns
tv(NWE-D)
FSMC_NWE low to FSMC_D[15:0] valid
-
TBD
ns
th(NWE-D)
FSMC_NWE high to FSMC_D[15:0] invalid
TBD
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com