Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103ZC Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32F103ZC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZC Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32F103ZC Datasheet HTML 27Page - STMicroelectronics STM32F103ZC Datasheet HTML 28Page - STMicroelectronics STM32F103ZC Datasheet HTML 29Page - STMicroelectronics STM32F103ZC Datasheet HTML 30Page - STMicroelectronics STM32F103ZC Datasheet HTML 31Page - STMicroelectronics STM32F103ZC Datasheet HTML 32Page - STMicroelectronics STM32F103ZC Datasheet HTML 33Page - STMicroelectronics STM32F103ZC Datasheet HTML 34Page - STMicroelectronics STM32F103ZC Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 118 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Pin descriptions
31/118
F6
---
131
VDD_11
S
B7
---
132
PG15
I/O
A7
A7
55
89 133
PB3/JTDO
I/O FT
JTDO
PB3/TRACESWO
JTDO
SPI3_SCK/I2S3_CK/
TIM2_CH2 /
SPI1_SCK
A6
A6
56
90 134
PB4/JNTRST
I/O FT
JNTRST
PB4/SPI3_MISO
TIM3_CH1 /
SPI1_MISO
B6
C5 57
91 135
PB5
I/O
PB5
I2C1_SMBAl/
SPI3_MOSI/I2S3_SD
TIM3_CH2 /
SPI1_MOSI
C6
B5
58
92 136
PB6
I/O FT
PB6
I2C1_SCL(6)/
TIM4_CH1(6)
USART1_TX
D6
A5
59
93 137
PB7
I/O FT
PB7
I2C1_SDA(6)/
FSMC_NADV/
TIM4_CH2(6)
USART1_RX
D5
D5 60
94 138
BOOT0
I
BOOT0
C5
B4
61
95 139
PB8
I/O FT
PB8
TIM4_CH3(6)/SDIO_D4
I2C1_SCL/
CANRX
B5
A4
62
96 140
PB9
I/O FT
PB9
TIM4_CH4(6)/SDIO_D5
I2C1_SDA /
CANTX
A5
D4
-
97 141
PE0
I/O FT
PE0
TIM4_ETR
FSMC_NBL0
A4
C4
-
98 142
PE1
I/O FT
PE1
FSMC_NBL1
E5
E5
63
99 143
VSS_3
SVSS_3
F5
F5
64 100 144
VDD_3
SVDD_3
1.
I = input, O = output, S = supply, HiZ = high impedance.
2.
FT = 5 V tolerant.
3.
Function availability depends on the chosen device.
4.
PC13, PC14 and PC15 are supplied through the power switch, and so their use in output mode is limited: they can be used
only in output 2 MHz mode with a maximum load of 30 pF and only one pin can be put in output mode at a time.
5.
Main function after the first backup domain power-up. Later on, it depends on the contents of the Backup registers even
after reset (because these registers are not reset by the main reset). For details on how to manage these IOs, refer to the
Battery backup domain and BKP register description sections in the STM32F10xxx reference manual, available from the
STMicroelectronics website: www.st.com.
6.
This alternate function can be remapped by software to some other port pins (if available on the used package). For more
details, refer to the Alternate function I/O and debug configuration section in the STM32F10xxx reference manual, available
from the STMicroelectronics website: www.st.com.
7.
For the LQFP64 package, the pins number 5 and 6 are configured as OSC_IN/OSC_OUT after reset, however the
functionality of PD0 and PD1 can be remapped by software on these pins. For the LQFP100/BGA100 and
LQFP144/BGA144 packages, PD0 and PD1 are available by default, so there is no need for remapping. For more details,
refer to Alternate function I/O and debug configuration section in the STM32F10xxx reference manual.
Table 4.
Pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com