Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANMOB1004-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCANMOB1004-RSP
Description  136-940MHz, 2.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANMOB1004-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCANMOB1004-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANMOB1004-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANMOB1004-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc. LCANMOB1004-RSP Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCANMOB1004-RSP REV 1.1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
136-940MHz, 2.5 dBi Gain, Omni-directional Antenna with
Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
136-940MHz, 2.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector LCANMOB1004-RSP
Features
• Outdoor Rated Omni Directional Antenna
• 2.5 dBi Gain
• Easy to install magnetic mount offering temporary plug and play
installation
• NMO Magnetic Mount, Black ABS Radome
• 1.5:1 VSWR Max
• 10 Foot, Black Low-Loss LMR195 Equivalent Cable
• Reverse Polarity-SMA Plug Connector
• Tunable Frequency
Applications
• Offroad/Overland Vehicles
• Mining/Industrial
• Heavy Equipment
• Commercial Trucking
• Fleet Management
• Farm Equipment
Description
The L-com LCANMOB1004-RSP is an omnidirectional antenna with a magnetic NMO mount specifically designed for high-performance
applications. This vertically polarized omni antenna with NMO mount is available in black color. Our high-quality antenna can operate at
frequencies ranging from 136 to 940 MHz, which is ideal for indoor low-profile, in-building, and mobile applications. This non-infrastruc-
ture antenna has a 2.5 dBi gain, which transmits high-power signals and faster speed. This vertically polarized omni antenna with NMO
mount is available in white color.
The LCANMOB1004-RSP in-building antenna from L-com features an NMO-type magnetic mount, which is ideal when the portability
of the antenna is required. This NMO antenna mount is constructed with a heavy-duty magnet to ensure secure mounting. No drilling is
required for the installation of this antenna mount, making it easy to fine-tune the antenna location. The magnetic base is easy to install
and offers a temporary plug-and-play installation. Our magnetic mount comes with a reverse polarity SMA plug connector and can be
used for WLAN, Wi-Fi, public safety, and mobile RF applications.
L-com has one of the largest in-stock selection of omnidirectional antennas with same-day shipment. Use our on-line ordering system
to purchase your LCANMOB1004-RSPantenna 24 hours a day with same-day shipping and no MOQs (minimum order quantities). For
further information on similar products, our expert technical support and knowledgeable sales team can help you get the ideal vertically
polarized antenna with a magnetic NMO mount for your requirements.
Configuration
Design
Omni
Band Type
Single
Radiation Pattern
Omni Directional
Polarization
Vertical
Connector Type
SMA Reverse Polarity
Number of Ports
1
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range (Tunable)
136
940
MHz
Operational Bandwidth
5
MHz
LCANMOB1004-RSP


Similar Part No. - LCANMOB1004-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANMOB1004-RTP L-COM-LCANMOB1004-RTP Datasheet
434Kb / 4P
136-940MHz, 2.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-TNC Plug Connector
02/27/2023
More results

Similar Description - LCANMOB1004-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51022-1 PASTERNACK-PE51022-1 Datasheet
259Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA MALE, RG58
PE51022-2 PASTERNACK-PE51022-2 Datasheet
236Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA FEMALE, RG58
PE51022-12 PASTERNACK-PE51022-12 Datasheet
241Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO REVERSE POLARITY SMA MALE, RG58
logo
List of Unclassifed Man...
OMB891203F21 ETC2-OMB891203F21 Datasheet
523Kb / 11P
3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB891205F21 ETC2-OMB891205F21 Datasheet
566Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Level One
OAN-2090 LVL1-OAN-2090 Datasheet
209Kb / 3P
9 dBi Omni Directional Indoor/ Outdoor Antenna Kit
logo
Pulse A Technitrol Comp...
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
Taoglas antenna solutio...
OMB891205F21 TAOGLAS-OMB891205F21 Datasheet
604Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB891203F21 TAOGLAS-OMB891203F21 Datasheet
523Kb / 11P
3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Maxtena Inc.
MEA-960-LTE MAXTENA-MEA-960-LTE Datasheet
617Kb / 4P
OMNI-DIRECTIONAL ANTENNA
REV A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com