Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANMOB1004-RSP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # LCANMOB1004-RSP
Description  136-940MHz, 2.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANMOB1004-RSP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  LCANMOB1004-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANMOB1004-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANMOB1004-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc. LCANMOB1004-RSP Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
LCANMOB1004-RSP REV 1.1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
136-940MHz, 2.5 dBi Gain, Omni-directional Antenna with
Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
LCANMOB1004-RSP
Input VSWR
1.5:1
Gain
2.5
dBi
Input Power
50
Watts
.
Frequency(MHz)
136
138
142
146
150
154
158
162
166
Length(mm)
521
490
476
458
447
434
423
408
395
Frequency(MHz)
170
174
200
210
220
230
240
250
260
Length(mm)
390
383
334
315
297
285
269
259
247
Frequency(MHz)
270
280
290
300
310
320
330
340
350
Length(mm)
238
227
219
208
203
195
185
180
174
Frequency(MHz)
360
370
380
390
400
410
420
430
440
Length(mm)
170
165
160
156
150
148
145
139
136
Frequency(MHz)
450
460
470
480
490
500
510
520
540
Length(mm)
133
128
125
120
115
112
108
107
105
Frequency(MHz)
570
600
630
680
690
720
750
780
800
Length(mm)
101
98
92
89
87
82
77
74
71
Frequency(MHz)
810
820
830
840
850
860
870
880
890
Length(mm)
68
66
65
64
62
61
60
59
58
Frequency(MHz)
900
910
920
930
940
Length(mm)
57
56
55
54
53
Mechanical Specifications
Radome Material
Stainless Steel
Size
Length
20.49 in [520.45 mm]
Width
3 in [76.2 mm]
Height
3 in [76.2 mm]
Weight
1.24 lbs [562.45 g]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com