Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBAT2 Datasheet(PDF) 2 Page - Clarke International

Part # CBAT2
Description  12V BATTERY/ALTERNATOR TESTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBAT2 Datasheet(HTML) 2 Page - Clarke International

  CBAT2 Datasheet HTML 1Page - Clarke International CBAT2 Datasheet HTML 2Page - Clarke International CBAT2 Datasheet HTML 3Page - Clarke International CBAT2 Datasheet HTML 4Page - Clarke International CBAT2 Datasheet HTML 5Page - Clarke International CBAT2 Datasheet HTML 6Page - Clarke International CBAT2 Datasheet HTML 7Page - Clarke International CBAT2 Datasheet HTML 8Page - Clarke International CBAT2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE product.
Before attempting to use this product, please read this manual
thoroughly and follow the instructions carefully. In doing so you will
ensure the safety of yourself and that of others around you, and you
can look forward to your purchase giving you long and satisfactory
service.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of
12 months from the date of purchase. Please keep your receipt which
will be required as proof of purchase.
This guarantee is invalid if the product is found to have been abused
or tampered with in any way, or not used for the purpose for which it
was intended.
Faulty goods should be returned to their place of purchase, no
product can be returned to us without prior permission.
This guarantee does not effect your statutory rights.
ENVIRONMENTAL RECYCLING POLICY
Through purchase of this product, the customer is taking on
the obligation to deal with the WEEE in accordance with the
WEEE regulations in relation to the treatment, recycling &
recovery and environmentally sound disposal of the WEEE.
In effect, this means that this product must not be disposed
of with general household waste. It must be disposed of
according to the laws governing Waste Electrical and Electronic
Equipment (WEEE) at a recognised disposal facility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com