Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBAT2 Datasheet(PDF) 3 Page - Clarke International

Part # CBAT2
Description  12V BATTERY/ALTERNATOR TESTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBAT2 Datasheet(HTML) 3 Page - Clarke International

  CBAT2 Datasheet HTML 1Page - Clarke International CBAT2 Datasheet HTML 2Page - Clarke International CBAT2 Datasheet HTML 3Page - Clarke International CBAT2 Datasheet HTML 4Page - Clarke International CBAT2 Datasheet HTML 5Page - Clarke International CBAT2 Datasheet HTML 6Page - Clarke International CBAT2 Datasheet HTML 7Page - Clarke International CBAT2 Datasheet HTML 8Page - Clarke International CBAT2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY INSTRUCTIONS
1.
Clarke International are not liable for any damages or
consequences resulting from:
•
Connection and installation errors.
•
Damage to the device due to mechanical influences or
voltage surges or any modification to the device.
•
Any unauthorized manipulation to the product which would
lead to cancellation of the guarantee.
•
Use of the device for purposes other than described in this
instruction manual.
•
Any influence of fluids.
2.
DO NOT use the device in a moist or wet environment.
3.
DO NOT use the tester close to flammable materials.
4.
DO NOT use the tester in an explosive environment.
5.
Make sure the device is always positioned in a safe place.
•
The device must be placed out of reach of children.
•
DO NOT expose the device to direct sunlight or other heat
source.
6.
Store the tester in a safe, dry place after use.
7.
DO NOT try to use other cables with this product.
WARNING: HIGH VOLTAGES ARE PRESENT AT THE FOLLOWING
POINTS: - THE IGNITION COILS, DISTRIBUTOR CAP, IGNITION
CABLE, SPARK PLUGS.
CAUTION: PLEASE READ THESE INSTRUCTIONS AS WELL AS
THOSE IN YOUR VEHICLE HANDBOOK VERY CAREFULLY BEFORE
USING THE TESTER, KEEP THEM IN A SAFE PLACE FOR FUTURE
REFERENCE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com