Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR008 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M59DR008
Description  8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR008 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M59DR008 Datasheet HTML 24Page - STMicroelectronics M59DR008 Datasheet HTML 25Page - STMicroelectronics M59DR008 Datasheet HTML 26Page - STMicroelectronics M59DR008 Datasheet HTML 27Page - STMicroelectronics M59DR008 Datasheet HTML 28Page - STMicroelectronics M59DR008 Datasheet HTML 29Page - STMicroelectronics M59DR008 Datasheet HTML 30Page - STMicroelectronics M59DR008 Datasheet HTML 31Page - STMicroelectronics M59DR008 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
M59DR008E, M59DR008F
28/37
Table 28. Data Polling and Toggle Bits AC Characteristics (1)
(TA = 0 to 70 °C or –40 to 85 °C; VDD = VDDQ = 1.65V to 2.2V)
Note: 1. All other timings are defined in Read AC Characteristics table.
Symbol
Parameter
M59DR008
Unit
Min
Max
tWHQ7V
Write Enable High to DQ7 Valid (Program, W Controlled)
10
200
µs
Write Enable High to DQ7 Valid (Block Erase, W Controlled)
1.0
10
sec
tEHQ7V
Chip Enable High to DQ7 Valid (Program, E Controlled)
10
200
µs
Chip Enable High to DQ7 Valid (Block Erase, E Controlled)
1.0
10
sec
tQ7VQV
Q7 Valid to Output Valid (Data Polling)
0
ns
tWHQV
Write Enable High to Output Valid (Program)
10
200
µs
Write Enable High to Output Valid (Block Erase)
1.0
10
sec
tEHQV
Chip Enable High to Output Valid (Program)
10
200
µs
Chip Enable High to Output Valid (Block Erase)
1.0
10
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com