Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR008 Datasheet(PDF) 33 Page - STMicroelectronics

Part # M59DR008
Description  8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR008 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M59DR008 Datasheet HTML 29Page - STMicroelectronics M59DR008 Datasheet HTML 30Page - STMicroelectronics M59DR008 Datasheet HTML 31Page - STMicroelectronics M59DR008 Datasheet HTML 32Page - STMicroelectronics M59DR008 Datasheet HTML 33Page - STMicroelectronics M59DR008 Datasheet HTML 34Page - STMicroelectronics M59DR008 Datasheet HTML 35Page - STMicroelectronics M59DR008 Datasheet HTML 36Page - STMicroelectronics M59DR008 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
33/37
M59DR008E, M59DR008F
Table 29. Ordering Information Scheme
Devices are shipped from the factory with the memory content erased (to FFFFh).
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Table 30. Revision History
Example:
M59DR008E
100 ZB
6
T
Device Type
M59
Architecture
D = Dual Bank Page Mode
Operating Voltage
R = 1.8V
Device Function
008E = 8 Mbit (512Kb x16), Dual Bank: 1/half-1/half partitioning, Top Boot
008F = 8 Mbit (512Kb x16), Dual Bank: 1/half-1/half partitioning, Bottom Boot
Random Speed
100 = 100 ns
120 = 120 ns
Package
N = TSOP48: 12 x 20mm
ZB = FBGA48: 0.75mm pitch
Temperature Range
1 = 0 to 70°C
6 = –40 to 85°C
Option
T = Tape & Reel packing
Date
Revision Details
September 1999
First Issue
10/06/99
FBGA Connections change (Table 1, Figure 2A)
tWHGL and tEHGL Specification change (Table 26, 27)
10/20/99
FBGA Package Outline drawing and Mechanical Data change (Table 32, Figure 15)
Daisy Chain diagrams, Package and PCB Connections, added (Figure 16, 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com