Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC835 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC835
Description  Low Power, High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC835 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC835 Datasheet HTML 1Page - Renesas Technology Corp UPC835 Datasheet HTML 2Page - Renesas Technology Corp UPC835 Datasheet HTML 3Page - Renesas Technology Corp UPC835 Datasheet HTML 4Page - Renesas Technology Corp UPC835 Datasheet HTML 5Page - Renesas Technology Corp UPC835 Datasheet HTML 6Page - Renesas Technology Corp UPC835 Datasheet HTML 7Page - Renesas Technology Corp UPC835 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UPC835
R03DS0186EJ0100 Rev.1.00
Page 2 of 8
Mar.10.25
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Top View)
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise specified)
Parameter
Symbol
UPC835
Unit
Supply Voltage Note1
V+ - V-
-0.3 ~ +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note 2
VI
V- -0.3 ~ V+ +0.3
V
Output Applied Voltage Note3
VO
V- -0.3 ~ V+ +0.3
V
Total Power Dissipation Note4
PT
350
mW
Output Short Circuit Duration Note5
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-55 ~ +125
°C
【
Notes】 1. Note that reverse connections of the power supply may damage the ICs.
2. The input terminal must be applied within the input voltage range to avoid deteriorating or damaging the
device characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-
Amp input voltage must operates within the electrical characteristics range of input common-mode voltage.
3. The output terminal must be applied within the output voltage range to avoid deteriorating or damaging the
device characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-
Amp output voltage must operates within the electrical characteristics range of maximum output voltage.
4. This is the value when TA ≤ 59°C during loading a glass epoxy substrate (size: 100 mm x 100 mm,thickness:
1 mm, filling wiring of 15% of the substrate only on the one side of copper foil). When TA > 59°C,conduct a
derating in −5.4 mW/°C. The heat resistance between a junction and ambient air under the same condition is
Rth(J-A) = 187°C /W.
5. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings, Note 4.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage
V±
±5
±16
V
Output Current
IO
±6
mA
Load Capacitance
(When AV = +1)
CL
4000 Note6
pF
【
Note】6. This is the value when the feedback resistor (Rf) = 0 Ω. The higher the Rf value, the more likely it is to oscillate
due to the influence of the input capacitance. So connect a capacitor of about 100 pF in parallel with Rf.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com