Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC835 Datasheet (PDF) - Renesas Technology Corp

UPC835 Datasheet PDF - Renesas Technology Corp
Part # UPC835
Download  UPC835 Download
File Size   625.35 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power, High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier

UPC835 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC835 Datasheet PDF - Renesas Technology Corp

Part # UPC835
Download  UPC835 Click to download

File Size   625.35 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power, High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier

UPC835 Datasheet (HTML) - Renesas Technology Corp


UPC835 Product details

• Input Offset Voltage ±3 mV MAX.
• Slew Rate 5.5 V/μs (TYP.)
• Unity Gain Frequency 2.8 MHz (TYP.)
• Low Power ICC ≤ 2.2 mA MAX.
(Reduces circuit currents while maintaining relatively high slew rate and bandwidth)
• High stability is secured to capacitive loads
(Capacitive Load at 4000 pF, AV = +1 )
• Built-In Phase Compensation Circuit
• Small package
The whole size of the package is downsized by 30 to 40% compared with a standard SOP contour,
by using a TSSOP (3 x 3 mm2 body) package




Similar Part No. - UPC835

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC835 RENESAS-UPC835 Datasheet
289Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC835MN-KAA-E1-AT RENESAS-UPC835MN-KAA-E1-AT Datasheet
289Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC835MN-KAA-E2-AT RENESAS-UPC835MN-KAA-E2-AT Datasheet
289Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results


Similar Description - UPC835

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
UPC4091 NEC-UPC4091 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4093 NEC-UPC4093 Datasheet
90Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4094 NEC-UPC4094 Datasheet
89Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4092 RENESAS-PC4092_15 Datasheet
228Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC811 NEC-UPC811 Datasheet
391Kb / 10P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
NEC Corporation 1987
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC812 RENESAS-UPC812 Datasheet
735Kb / 8P
High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
2019.06.13
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com