Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4091 Datasheet (PDF) - NEC

UPC4091 Datasheet PDF - NEC
Part # UPC4091
Download  UPC4091 Download
File Size   87.65 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER

UPC4091 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC4091 Datasheet PDF - NEC

Part # UPC4091
Download  UPC4091 Click to download

File Size   87.65 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER

UPC4091 Datasheet (HTML) - NEC


UPC4091 Product details

The µPC4091 operational amplifier offers high input impedance, low offset voltage, high slew rate, and stable AC operating characteristics. NECs unique high-speed PNP transistor (fT = 300 MHz) in the output stage solves the oscillation problem of current sinking with a large capacitive load. Zener-zap resistor trimming in the input stage produces excellent offset voltage and temperature drift characteristics.

FEATURES
• Stable operation with 10000 pF capacitive load
• Low input offset voltage and offset voltage null capability
    ±2.5 mV (MAX.)
    ±7 µV/°C (TYP.) temperature drift
• Very low input bias and offset currents
• Low noise : en = 19 nV/ √Hz (TYP.)
• Output short circuit protection
• High input impedance ... J-FET Input Stage
• Internal frequency compensation
• High slew rate: 15 V/µs (TYP.)




Similar Part No. - UPC4091

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC4091 RENESAS-UPC4091 Datasheet
289Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC4091C RENESAS-UPC4091C Datasheet
289Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC4091G2 RENESAS-UPC4091G2 Datasheet
289Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
More results


Similar Description - UPC4091

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4093 NEC-UPC4093 Datasheet
90Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4094 NEC-UPC4094 Datasheet
89Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2162 NJRC-NJM2162 Datasheet
257Kb / 5P
J-FET INPUT OPERATIONAL AMPLIFIER??????
logo
NEC
UPC812 NEC-UPC812 Datasheet
401Kb / 10P
DUAL J-FET INPUT LOW-OFFSET OPRERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4092 RENESAS-PC4092_15 Datasheet
228Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC811 NEC-UPC811 Datasheet
391Kb / 10P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
NEC Corporation 1987
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC812 RENESAS-UPC812 Datasheet
735Kb / 8P
High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
2019.06.13
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com